Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 9Page - Seiko Instruments Inc LTPH245 Datasheet HTML 10Page - Seiko Instruments Inc LTPH245 Datasheet HTML 11Page - Seiko Instruments Inc LTPH245 Datasheet HTML 12Page - Seiko Instruments Inc LTPH245 Datasheet HTML 13Page - Seiko Instruments Inc LTPH245 Datasheet HTML 14Page - Seiko Instruments Inc LTPH245 Datasheet HTML 15Page - Seiko Instruments Inc LTPH245 Datasheet HTML 16Page - Seiko Instruments Inc LTPH245 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
2-2
Low noise
Thermal line dot printing is used to guarantee low-noise printing.
Realizing easy design of outer case
The printer mechanism is designed to fit easily into the outer case, allowing for
reduced number of outer case parts.
1
The external dimensions exclude those of the lever and platen frame. 46 g in weight
includes all parts.
2
Print speed differs depending on working and environmental conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com