Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 42 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 42 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 38Page - Seiko Instruments Inc LTPH245 Datasheet HTML 39Page - Seiko Instruments Inc LTPH245 Datasheet HTML 40Page - Seiko Instruments Inc LTPH245 Datasheet HTML 41Page - Seiko Instruments Inc LTPH245 Datasheet HTML 42Page - Seiko Instruments Inc LTPH245 Datasheet HTML 43Page - Seiko Instruments Inc LTPH245 Datasheet HTML 44Page - Seiko Instruments Inc LTPH245 Datasheet HTML 45Page - Seiko Instruments Inc LTPH245 Datasheet HTML 46Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
3-29
Table 3-13 Detectors Input/Output Conditions
Item
Symbol
Conditions
Standard
Max.
Forward voltage
VF
IF=10mA
1.2V
1.6V
LED
(input)
Reverse current
IR
VR=5V
−
10
µA
Photo-
transistor
(output)
Dark current
I CEO
If=0mA, VCE=10V
−
200nA
Photo electric
current
IC
IF=10mA, VCE=5V
−
350
µA
Leak current
ILEAK
IF=10mA, VCE=5V
−
1
µA
Collector
saturation
voltage
VCE(sat)
IF=10mA, IC=50
µA
−
0.5V
Response time
(at rise)
tr
IC=1mA, VCC=5V
5
µs-
Transfer
characteristics
Response time
(at fall)
tf
RL=100
Ω
5
µs
−
3.7.2
Sample External Circuit
Figure 3-12 Sample External Circuit of the Paper Detector
PS
VPS
GND
Photo interruptor
CPU Port
Vdd (5V)
Vdd (5V)
47k
Ω
220
Ω
GND
LTPH245
* The PS signal is high when there is no paper.
470pF
74HC04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com