Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 8Page - Seiko Instruments Inc LTPH245 Datasheet HTML 9Page - Seiko Instruments Inc LTPH245 Datasheet HTML 10Page - Seiko Instruments Inc LTPH245 Datasheet HTML 11Page - Seiko Instruments Inc LTPH245 Datasheet HTML 12Page - Seiko Instruments Inc LTPH245 Datasheet HTML 13Page - Seiko Instruments Inc LTPH245 Datasheet HTML 14Page - Seiko Instruments Inc LTPH245 Datasheet HTML 15Page - Seiko Instruments Inc LTPH245 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
2-1
2
FEATURES
The LTPH245 Line Thermal Printer Mechanism is a compact, high-speed thermal line dot printing
mechanism. It can be used with a measuring instrument and analyzer, a POS, a communication device,
or a data terminal device. Since the printer can be battery driven, it can easily be mounted onto a
portable device such as a hand-held terminal.
The LTPH245 has the following features:
Battery drive
Since the range of operating voltage of 4.2V to 8.5V is wide, four to six Ni-Cd batteries or Ni-
MH batteries or two Lithium-ion batteries can also be used.
Compact and light weight
1
The mechanism is compact and light: 76.8 mm in width, 38 mm in depth, 16 mm in height,
and approximately 46 g in weight.
Improved operability
The platen roller can be released easily by lever operation allowing easy paper installation and
head cleaning.
High resolution printing
A high-density print head of 8 dots/mm produces clear and precise printing.
Longevity
The mechanism is maintenance-free with a long life of 50 km print length and/or 100 million
pulses.
High speed printing
2
A maximum print speed of 200 dot lines per second (25 mm per second) at 5 V, 450 dot lines
per second (56.25 mm per second) at 7.2 V, and 500 dot lines per second (62.5 mm per
second) at 8.0 V are attainable.
Low current consumption
The printer can be driven on low discharge current lithium-ion batteries due to low current
consumption. Continuous printing can be also performed.
CHAPTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com