Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 43 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 43 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 39Page - Seiko Instruments Inc LTPH245 Datasheet HTML 40Page - Seiko Instruments Inc LTPH245 Datasheet HTML 41Page - Seiko Instruments Inc LTPH245 Datasheet HTML 42Page - Seiko Instruments Inc LTPH245 Datasheet HTML 43Page - Seiko Instruments Inc LTPH245 Datasheet HTML 44Page - Seiko Instruments Inc LTPH245 Datasheet HTML 45Page - Seiko Instruments Inc LTPH245 Datasheet HTML 46Page - Seiko Instruments Inc LTPH245 Datasheet HTML 47Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
3-30
3.8
PLATEN POSITION SENSOR
The printer has a platen position sensor to detect whether or not the platen block is set.
The platen position sensor is a switch type sensor shown in Figure 3-13. The platen position sensor
switch is closed when the platen block is set and is open when the platen block is released.
Design the control circuit so that the motor is not driven and the thermal head is not activated when the
platen block is open by detecting output of the platen position sensor.
3.8.1
General Specification
Maximum rating: DC30V, 0.5A
Connection resistance: 200 m
Ω or less
3.8.2
Sample External Circuit
Figure 3-13 Sample External Circuit of the Platen Position Sensor
•
Note that there is a time lag between operation of the platen position sensor and
completion of pressurization to thermal head.
•
To prevent a malfunction due to chattering of the switch, be sure to use the capacitor
shown in Figure 3-13.
Switch
GND
CPU Port
Vdd (5v)
R=100k
Ω
HS
GND
C=0.1
µF
* When the platen block is open
LTPH245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com