Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 28Page - Seiko Instruments Inc LTPH245 Datasheet HTML 29Page - Seiko Instruments Inc LTPH245 Datasheet HTML 30Page - Seiko Instruments Inc LTPH245 Datasheet HTML 31Page - Seiko Instruments Inc LTPH245 Datasheet HTML 32Page - Seiko Instruments Inc LTPH245 Datasheet HTML 33Page - Seiko Instruments Inc LTPH245 Datasheet HTML 34Page - Seiko Instruments Inc LTPH245 Datasheet HTML 35Page - Seiko Instruments Inc LTPH245 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
3-19
3.6
CONTROLLING THE HEAD ACTIVATION (DST) PULSE WIDTH
3.6.1
Calculation of Head Activation Pulse Width
Head activation pulse width is calculated using the following equation (3).
To execute high quality printing using the printer, the value that is calculated using the following equation
(3) must be adjusted according to the environment the printer is used in. Calculate each value used
according to the steps in Sections 3.6.2 to 3.6.7 and control them so that the pulse width with the t
value obtained by substituting each value into the equation (3) is applied.
Printing using too high of a voltage or too long of a pulse width may shorten the life of the thermal head.
Equation (3):
t :
Head pulse width (ms)
E : Standard applied energy (mj)
See Section 3.6.2.
V : Applied voltage (V)
See Section 3.6.3.
R : Head resistance (
Ω)
See Section 3.6.4.
C : Head pulse term coefficient
See Section 3.6.6.
D : Heat storage coefficient
See Section 3.6.7.
3.6.2
Calculation of Applied Energy
Applied energy should be in accordance with the temperature of the thermal head and the environment
the printer is used in.
The thermal head has a built-in thermistor.
Measure the temperature using thermistor resistance.
Standard applied energy is based on a temperature of 25
°C. Calculate the printing energy using
equation (4) and the temperature coefficient.
Equation (4):
E= (0.260 - TC
× (T
X - 25) )
TX: Detected temperature using the thermistor (
°C) 1
TC : Temperature coefficient
0.003373
1
The thermistor resistance value at TX (
°C). See Section 3.6.8.
E
× R
t =
× C × D
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com