Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 7Page - Seiko Instruments Inc LTPH245 Datasheet HTML 8Page - Seiko Instruments Inc LTPH245 Datasheet HTML 9Page - Seiko Instruments Inc LTPH245 Datasheet HTML 10Page - Seiko Instruments Inc LTPH245 Datasheet HTML 11Page - Seiko Instruments Inc LTPH245 Datasheet HTML 12Page - Seiko Instruments Inc LTPH245 Datasheet HTML 13Page - Seiko Instruments Inc LTPH245 Datasheet HTML 14Page - Seiko Instruments Inc LTPH245 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
1-4
1.2.2
Handling Precautions
To maintain the initial level of performance of the printer and to prevent future problems from occurring,
observe the following precautions.
Also, include any necessary precautions to ensure the safe operation of your product by users.
To protect the heat elements, ICs, etc. from static electricity, discharge all static electricity
before handling the printer.
Pay special attention to the thermal head control terminals when handling.
Do not apply stress to the thermal head control terminals: Doing so may damage the
connectors and FFC (Flexible Flat Cable).
Using anything other than the specified paper may cause the following:
•
Poor printing quality
•
Abrasion of the thermal head
•
The thermal surface of the paper and the thermal head may stick together
•
Excessive noise
•
Fading print
•
Corroded thermal head
Always print or feed with the specified paper inserted to protect the platen, thermal head, and
reduction gear.
Do not hit or scratch the surface of the thermal head with sharp or hard objects as it may
damage the heat element.
If the thermal head remains in contact with the platen, the platen may become deformed and
deteriorate print quality.
If the platen is deformed, the uneven surface of the platen can be recovered by feeding paper
for a while.
Never connect or disconnect cables with the power on. Always power off the printer first.
When printing a black or checkered pattern at a high print rate in a low temperature or high
humidity environment, the vapor from the paper during printing may cause condensation to
form on the printer or may soil the paper.
If water condenses on the printer, keep the thermal head away from water drops as it may
corrode the thermal head, and turn printer power off until it dries.
Prevent contact with water and do not operate with wet hands as it may damage the printer or
cause a short circuit or fire.
Never use the printer in a dusty place, as it may damage the thermal head and paper feeder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com