Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 10Page - Seiko Instruments Inc LTPH245 Datasheet HTML 11Page - Seiko Instruments Inc LTPH245 Datasheet HTML 12Page - Seiko Instruments Inc LTPH245 Datasheet HTML 13Page - Seiko Instruments Inc LTPH245 Datasheet HTML 14Page - Seiko Instruments Inc LTPH245 Datasheet HTML 15Page - Seiko Instruments Inc LTPH245 Datasheet HTML 16Page - Seiko Instruments Inc LTPH245 Datasheet HTML 17Page - Seiko Instruments Inc LTPH245 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
3-1
3
SPECIFICATIONS
3.1
GENERAL SPECIFICATIONS
Table 3-1 General Specifications
Item
Specification
Print method
Thermal dot line printing
Dots per line
384 dots
Resolution
8 dots/mm
Print width
48 mm
Maximum printing speed
200 dot lines/s (25.0 mm/s) (at 5 V)
1
450 dot lines/s (56.25 mm/s) (at 7.2 V)
1
500 dot lines/s (62.5 mm/s) (at 8.0 V)
1
Paper feed pitch
0.125 mm
Head temperature detection
Via thermistor
Platen position detection
Via mechanical switch
Out-of-paper detection
Via photo interrupter
Operating voltage range
VP line (for head and motor drive)
Vdd line (for head logic)
4.2 V to 8.5 V
7
(equivalent to four through six Ni-Cd or Ni-MH
batteries, or two lithium-ion batteries)
4.5 V to 5.5 V
Current consumption
For driving the head (VP)
For driving the motor (VP)
For head logic (Vdd)
Average:
1.8 A (at 5 V), 2.6 A (at 7.2 V), 2.8 A (at 8.0 V)
2
Maximum:
2.1 A (at 5 V), 3.0 A (at 7.2 V), 3.3 A (at 8.0 V)
2
Maximum 0.46 A
Maximum 0.01 A
1
Maximum printing speed is attained with the following conditions:
When the driving voltage is 5 V, the character size is a 24-dot font, the line spacing is 16 dots, the temperature of
the head is 60
°C or more, and the number of simultaneously activated dots is 64 dots or less
When the driving voltage is 7.2 V, the temperature of the head is 40
°C or more, and the number of simultaneously
activated dots is 64 dots or less
When the driving voltage is 8.0 V, the temperature of the head is 30
°C or more, and the number of simultaneously
activated dots is 64 dots or less.
2
When the number of simultaneously activated dots is specified as 64.
CHAPTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com