Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPH245 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 13Page - Seiko Instruments Inc LTPH245 Datasheet HTML 14Page - Seiko Instruments Inc LTPH245 Datasheet HTML 15Page - Seiko Instruments Inc LTPH245 Datasheet HTML 16Page - Seiko Instruments Inc LTPH245 Datasheet HTML 17Page - Seiko Instruments Inc LTPH245 Datasheet HTML 18Page - Seiko Instruments Inc LTPH245 Datasheet HTML 19Page - Seiko Instruments Inc LTPH245 Datasheet HTML 20Page - Seiko Instruments Inc LTPH245 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
3-4
3.3
PAPER FEED CHARACTERISTICS
Paper is fed in a forward direction when the motor shaft is rotating in the normal direction
(clockwise) when seen from the motor gear side.
The motor is driven by a 2-2 phase excitation, constant current chopper method and feeds
paper 0.125 mm (equivalent to a single dot pitch) every two steps of the motor drive signal.
To prevent deterioration in printing quality due to backlash of the paper feed system, the motor
should be driven 40 steps in a reverse direction and then 40 steps in the normal direction during
initialization or after backward feeding.
During paper feeding, the motor should be driven lower than the value obtained by equation (1).
Equation (1):
Vp
× 165 - 220 (pps) (max.1000 (pps) )
During printing, the motor drive frequency should be adjusted according to working conditions
such as voltage, temperature, number of activated dots, etc. (For details, see CHAPTER 5
DRIVE METHOD.)
Do not print while the motor is rotating in the reverse direction.
Table 3-2 Sample Motor Drive Frequency
Operating Voltage
Drive Frequency
(Paper feed)
4.2 V
473 pps
5 V
605 pps
6 V
770 pps
7.2 V
968 pps
8 V
1000 pps
8.5 V
1000 pps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com