Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803040 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803040
Description  UCT-PMP (90X38) CUS - Insert label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803040 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803040 Datasheet HTML 1Page - PHOENIX CONTACT 0803040 Datasheet HTML 2Page - PHOENIX CONTACT 0803040 Datasheet HTML 3Page - PHOENIX CONTACT 0803040 Datasheet HTML 4Page - PHOENIX CONTACT 0803040 Datasheet HTML 5Page - PHOENIX CONTACT 0803040 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insert label, Sheet, white, labeled according to customer specifications, mounting type: snapped
into marker carrier, Number of individual labels: 1, text field height: 38 mm, text field width: 90
mm
Your advantages
The UCT-PMP (90x38) system marking label is easy to mount and, if necessary, remove
•
The wide temperature range means that the labels can be used in control cabinets as well as the field
•
The sheets provide space for including function texts
•
Marking service: Phoenix Contact can custom-mark all labels according to your requirements
•
Commercial data
Item number
0803040
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8148
Catalog page
Page 287 (NTK-2014)
GTIN
4046356908078
Weight per piece (including packing)
9.8 g
Weight per piece (excluding packing)
9.8 g
Country of origin
PL
UCT-PMP (90X38) CUS - Insert label
0803040
https://www.phoenixcontact.com/us/products/0803040
May 14, 2025, 5:42AM
Page 1 (6)


Similar Part No. - 0803040

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803041 PHOENIX-0803041 Datasheet
184Kb / 5P
UCT-PMLP (90X38) - Plastic label
0803042 PHOENIX-0803042 Datasheet
181Kb / 5P
UCT-PMLP (90X38) CUS - Plastic label
0803047 PHOENIX-0803047 Datasheet
188Kb / 5P
UCT-PMP (90X38) BU - Insert label
More results

Similar Description - 0803040

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0824254 PHOENIX-0824254 Datasheet
50Kb / 3P
Label sheet, DIN A4 - BMKL 27X12,5 SR CUS
0824547 PHOENIX-0824547 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9) CUS
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
0824404 PHOENIX-0824404 Datasheet
51Kb / 3P
Insert strip - ESL 44X 7 CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0824403 PHOENIX-0824403 Datasheet
65Kb / 3P
Insert strip - ESL 40X17 CUS
09/12/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com