Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803040 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803040
Description  UCT-PMP (90X38) CUS - Insert label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803040 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803040 Datasheet HTML 1Page - PHOENIX CONTACT 0803040 Datasheet HTML 2Page - PHOENIX CONTACT 0803040 Datasheet HTML 3Page - PHOENIX CONTACT 0803040 Datasheet HTML 4Page - PHOENIX CONTACT 0803040 Datasheet HTML 5Page - PHOENIX CONTACT 0803040 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Labeled systems marker
Marking
Number of individual labels
1
Number of individual labels per row
1
Dimensions
Width
90 mm
Length
38 mm
Text field
Text field width
90 mm
Text field height
38 mm
Material specifications
Color
white (RAL 9010)
Material
PVC / PC
Flammability rating according to UL 94
V0
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
EN ISO 1518-1:2023 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2020-12 (following)
Result
Test passed
UV resistance
Specification
DIN EN ISO 4892-2:2021-11 (following)
Result
Test passed
UCT-PMP (90X38) CUS - Insert label
0803040
https://www.phoenixcontact.com/us/products/0803040
May 14, 2025, 5:42AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com