Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803041 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803041
Description  UCT-PMLP (90X38) - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803041 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803041 Datasheet HTML 1Page - PHOENIX CONTACT 0803041 Datasheet HTML 2Page - PHOENIX CONTACT 0803041 Datasheet HTML 3Page - PHOENIX CONTACT 0803041 Datasheet HTML 4Page - PHOENIX CONTACT 0803041 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic label, Sheet, white, unlabeled, can be labeled with: BLUEMARK E.CARD, 
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: adhesive, Number of individual labels: 1, text field height: 38 mm, text field width:
90 mm
Your advantages
The UCT-PMLP ... plant identification family includes self-adhesive plant markers with excellent adhesive strength
•
The wide temperature range means that the labels can be used in control cabinets as well as the field
•
The sheets provide space for including function texts
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0803041
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
NULL
Product key
BG2617
Catalog page
Page 286 (NTK-2014)
GTIN
4046356908108
Weight per piece (including packing)
11.85 g
Weight per piece (excluding packing)
11.85 g
Customs tariff number
49119900
Country of origin
PL
UCT-PMLP (90X38) - Plastic label
0803041
https://www.phoenixcontact.com/us/products/0803041
May 14, 2025, 5:47AM
Page 1 (5)


Similar Part No. - 0803041

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803040 PHOENIX-0803040 Datasheet
186Kb / 6P
UCT-PMP (90X38) CUS - Insert label
0803042 PHOENIX-0803042 Datasheet
181Kb / 5P
UCT-PMLP (90X38) CUS - Plastic label
0803047 PHOENIX-0803047 Datasheet
188Kb / 5P
UCT-PMP (90X38) BU - Insert label
More results

Similar Description - 0803041

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802684 PHOENIX-0802684 Datasheet
47Kb / 3P
Plastic label - EMLP (17,5X15)R
0802686 PHOENIX-0802686 Datasheet
47Kb / 3P
Plastic label - EMLP (EX15)R
0802688 PHOENIX-0802688 Datasheet
47Kb / 3P
Plastic label - EMLP (EX30)R
0802728 PHOENIX-0802728 Datasheet
47Kb / 3P
Plastic label - EMLP (65X25)R
0819330 PHOENIX-0819330 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (60X15)
0825481 PHOENIX-0825481 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (27X27)
0830839 PHOENIX-0830839 Datasheet
58Kb / 3P
Plastic label - US-EMLP (17,5X15)
0831020 PHOENIX-0831020 Datasheet
52Kb / 2P
Plastic label - UC-PMLP (110X38)
1014294 PHOENIX-1014294 Datasheet
50Kb / 4P
Plastic label - US-EMLF (104X70)
0819505 PHOENIX-0819505 Datasheet
58Kb / 3P
Plastic label - EMLP (60X30)R
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com