Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803041 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803041
Description  UCT-PMLP (90X38) - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803041 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803041 Datasheet HTML 1Page - PHOENIX CONTACT 0803041 Datasheet HTML 2Page - PHOENIX CONTACT 0803041 Datasheet HTML 3Page - PHOENIX CONTACT 0803041 Datasheet HTML 4Page - PHOENIX CONTACT 0803041 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
System marking
Marking
Number of individual labels
1
Number of individual labels per row
1
Identification technology
UV LED technology, direct laser marking
Dimensions
Width
90 mm
Height
38 mm
Depth
1.4 mm
Text field
Text field width
90 mm
Text field height
38 mm
Material specifications
RoHS compliant
yes
Adhesive strength
250 µm
Adhesive
Acrylic
Color
white (RAL 9010)
Material
PC
Flammability rating according to UL 94
V0
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
IEC 61010-1:2010-06
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
UCT-PMLP (90X38) - Plastic label
0803041
https://www.phoenixcontact.com/us/products/0803041
May 14, 2025, 5:47AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com