Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PLR
Description  PLR Series – Planar Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PLR Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PLR Datasheet HTML 1Page - Bourns Electronic Solutions PLR Datasheet HTML 2Page - Bourns Electronic Solutions PLR Datasheet HTML 3Page - Bourns Electronic Solutions PLR Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLR Series – Planar Transformer
Features
n
25 watt planar DC-DC transformer
n
Forward converter topology
n
Low leakage inductance
n
Low profile component
n
Surface mount
n
Operating temperature: -40 °C to +125 °C
n
RoHS compliant*
Applications
n
Industrial power supplies
n
LED lighting
n
PoE applications
n
Battery Management Systems (BMS)
n
Switched-Mode Power Supplies (SMPS)
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature������������������������������������������������������������������������� -40 ℃ to +125 ℃
Storage Temperature���������������������������������������������������������������������������� -40 ℃ to +105 ℃
Output Power������������������������������������������������������������������������������������������������������������ 25 W
Transformer Input Voltage�������������������������������������������������������������������������������35-57 VDC
Switching Frequency ��������������������������������������������������������������������������������������������250 kHz
Moisture Sensitivity Level������������������������������������������������������������������������������������������������1
Electrical Specifications @ 25 °C
Bourns
Part Number
Primary
Inductance1
(6-7)
Min. (μH)
Leakage
Inductance1
(6-7)
w/ (1,3,4,5)
shorted
Max. (nH)
DCR Max.
(mΩ)
Turns Ratio
@ 20 kHz, 1 V
Hi-Pot
(Pri-Sec) Ref.
Hi-Pot
(Coil-Core) Ref.
Main
Output
(6-7) (4-5) (1-3) (NP1:NP2:NS)
@ 1 sec. / 3 mA
PLR025-EI22A05S
85
216
120
450
11.5
5 : 5 : 2
1500 VDC
750 VDC
5 V / 5 A
PLR025-EI22A12S
140
510
90
5 : 5 : 5
12 V / 2.1 A
Note:
1. Measuring conditions 250 kHz, 1 V
How To Order
PLR 025 - EI22 A 05 S
Model
PLR = Planar Transformer
Power Rating
025 = 25 W
Core and Size
EI22 = EIW 21.8
Sub-series
A = A Series
Output Voltage
05 = 5 V
PCB type
S = SMD
Materials
PCB ������������������������������������ FR4 Tg135C
Tape���������������������������������KAPTON #201
Core���������������������������������������������DMR44
Glue�������������������������������������������� Silicone
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm -
www.P65Warnings.ca.gov


Similar Part No. - PLR

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
PLR RALTRON-PLR Datasheet
139Kb / 1P
RF PLL Synthesizer
logo
Radiometrix Ltd
PLR RADIOMETRIX-PLR Datasheet
459Kb / 12P
NBFM Multi channel Data Packet Link Radios
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
PREMO CORPORATION S.L
PLR01-40HA PREMO-PLR01-40HA Datasheet
212Kb / 3P
Linear chokes
logo
Protek Devices
PLR01210-300 PROTEC-PLR01210-300 Datasheet
440Kb / 5P
POLYMER PTC DEVICE
More results

Similar Description - PLR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B0853-AL COILCRAFT-B0853-AL Datasheet
136Kb / 1P
Planar Transformer
C1539 COILCRAFT-C1539_11 Datasheet
189Kb / 1P
Planar Transformer
B0860 COILCRAFT-B0860_15 Datasheet
263Kb / 1P
Planar Transformer
RA6998 COILCRAFT-RA6998_14 Datasheet
174Kb / 1P
Planar Transformer
HA3648 COILCRAFT-HA3648_15 Datasheet
255Kb / 1P
Planar Transformer
JA4309 COILCRAFT-JA4309_16 Datasheet
128Kb / 1P
Planar Transformer
PA6605 COILCRAFT-PA6605_16 Datasheet
237Kb / 1P
Planar Transformer
logo
Allied Components Inter...
AEE32-4236 ALLIED-AEE32-4236 Datasheet
1,012Kb / 2P
Planar Transformer
logo
Dongguan Mentech Optica...
TPEIR30-0067SG MNC-TPEIR30-0067SG Datasheet
255Kb / 1P
PLANAR TRANSFORMER
TPEIR34-0066SG MNC-TPEIR34-0066SG Datasheet
172Kb / 1P
PLANAR TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com