Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PLR
Description  PLR Series – Planar Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PLR Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PLR Datasheet HTML 1Page - Bourns Electronic Solutions PLR Datasheet HTML 2Page - Bourns Electronic Solutions PLR Datasheet HTML 3Page - Bourns Electronic Solutions PLR Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PLR Series – Planar Transformer
Electrical Schematic
Primary and secondary windings to be connected in parallel on PCB.
DIMENSIONS:
MM
(INCHES)
PLR025-EI22A05S
PLR025-EI22A12S
7
6
3
1
5
4
35 ~ 57 V
250 kHz
12.5 V / 50 mA
5 V / 5 A
7
6
3
1
5
4
35 ~ 57 V
250 kHz
12 V / 50 mA
12 V / 2.1 A
START
START
Packaging Specifications
300 pcs. per reel, 3 reels per carton
Marking
Marking
Marking
Marking
56.0
(2.205)
28.0
(1.102)
ROUND HOLE
330 x 56
(12.992 x 2.205)
REV. 01/24
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns�com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns�com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns�com
www.bourns.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com