Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069 Datasheet(PDF) 2 Page - SYC Electronica

Part # CD4069
Description  Inverter Circuits
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4069 Datasheet(HTML) 2 Page - SYC Electronica

  CD4069 Datasheet HTML 1Page - SYC Electronica CD4069 Datasheet HTML 2Page - SYC Electronica CD4069 Datasheet HTML 3Page - SYC Electronica CD4069 Datasheet HTML 4Page - SYC Electronica CD4069 Datasheet HTML 5Page - SYC Electronica CD4069 Datasheet HTML 6Page - SYC Electronica CD4069 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and Electrical Characteristics table provide
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: VSS = 0V unless otherwise specified.
Note 4: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5V to +18 V
DC
Input Voltage (VIN)
−0.5V to V
DD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3V to 15VDC
Input Voltage (VIN)0V to VDD VDC
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V,
0.25
0.25
7.5
µA
VIN = VDD or VSS
VDD = 10V,
0.5
0.5
15
VIN = VDD or VSS
VDD = 15V,
1.0
1.0
30
VIN = VDD or VSS
VOL
LOW Level Output Voltage
|IO| < 1 µA
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level Output Voltage
|IO| < 1 µA
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level Input Voltage
|IO| < 1 µA
VDD = 5V, VO = 4.5V
1.0
1.0
1.0
V
VDD = 10V, VO = 9V
2.0
2.0
2.0
VDD = 15V, VO = 13.5V
3.0
3.0
3.0
VIH
HIGH Level Input Voltage
|IO| < 1 µA
VDD = 5V, VO = 0.5V
4.0
4.0
4.0
V
VDD = 10V, VO = 1V
8.0
8.0
8.0
VDD = 15V, VO = 1.5V
12.0
12.0
12.0
IOL
LOW Level Output Current
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
(Note 4)
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output Current
VDD = 5V, VO = 4.6V
−0.64
−0.51 −0.88
−0.36
mA
(Note 4)
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com