Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069 Datasheet (PDF) - SYC Electronica

CD4069 Datasheet PDF - SYC Electronica
Part # CD4069
Download  CD4069 Download
File Size   127.2 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Inverter Circuits

CD4069 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4069 Datasheet PDF - SYC Electronica

Part # CD4069
Download  CD4069 Click to download

File Size   127.2 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Inverter Circuits

CD4069 Datasheet (HTML) - SYC Electronica


CD4069 Product details

General Description
The CD4069UB consists of six inverter circuits and is manufactured
using complementary MOS (CMOS) to achieve
wide power supply operating range, low power consumption,
high noise immunity, and symmetric controlled rise
and fall times.
This device is intended for all general purpose inverter
applications where the special characteristics of the
MM74C901, MM74C907, and CD4049A Hex Inverter/Buffers
are not required. In those applications requiring larger
noise immunity the MM74C14 or MM74C914 Hex Schmitt
Trigger is suggested.
All inputs are protected from damage due to static discharge
by diode clamps to VDD and VSS.

Features
 Wide supply voltage range: 3.0V to 15V
 High noise immunity: 0.45 VDD typ.
 Low power TTL compatibility: Fan out of 2 driving 74L
or 1 driving 74LS
 Equivalent to MM74C04




Similar Part No. - CD4069

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4069 FAIRCHILD-CD4069 Datasheet
78Kb / 6P
Inverter Circuits
logo
National Semiconductor ...
CD4069 NSC-CD4069 Datasheet
137Kb / 6P
Inverter Circuits
logo
Unisonic Technologies
CD4069 UTC-CD4069 Datasheet
106Kb / 7P
INVERTER CIRCUIT CMOS IC
CD4069 UTC-CD4069 Datasheet
237Kb / 7P
INVERTER CIRCUITS
CD4069 UTC-CD4069 Datasheet
203Kb / 7P
INVERTER CIRCUITS
More results


Similar Description - CD4069

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
Inverter Circuits
logo
National Semiconductor ...
CD4069UBC NSC-CD4069UBC Datasheet
137Kb / 6P
Inverter Circuits
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC_02 Datasheet
96Kb / 7P
Inverter Circuits
logo
Unisonic Technologies
TC4069 UTC-TC4069 Datasheet
176Kb / 5P
INVERTER CIRCUITS
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
INVERTER CIRCUITS
CD4069 UTC-CD4069_15 Datasheet
286Kb / 7P
INVERTER CIRCUITS
TC4069 UTC-TC4069_15 Datasheet
176Kb / 5P
INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
INVERTER CIRCUITS
TC4069 UTC-TC4069_17 Datasheet
133Kb / 5P
INVERTER CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com