Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLB02 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BLB02
Description  1500 – 2700 MHz High Linearity LNA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BLB02 Datasheet(HTML) 2 Page - BeRex Corporation

  BLB02 Datasheet HTML 1Page - BeRex Corporation BLB02 Datasheet HTML 2Page - BeRex Corporation BLB02 Datasheet HTML 3Page - BeRex Corporation BLB02 Datasheet HTML 4Page - BeRex Corporation BLB02 Datasheet HTML 5Page - BeRex Corporation BLB02 Datasheet HTML 6Page - BeRex Corporation BLB02 Datasheet HTML 7Page - BeRex Corporation BLB02 Datasheet HTML 8Page - BeRex Corporation BLB02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1500 – 2700 MHz High Linearity LNA
BLB02
2
Rev. 7.5
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2022 BeRex
Absolute Maximum Ratings
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+160
°C
Supply Voltage
+6
V
Supply Current
130
mA
Input RF Power
21
dBm
Typical Performance (Vd=5.0V, Id=60mA , T=25°C)
Parameter
Frequency
Unit
Vd = 5V
1750
1850
1950
2140
MHz
2650
Gain
19.0
18.5
18.1
17.5
dB
15.6
S11
-12.0
-11.5
-11.8
-11.9
dB
-13.4
S22
-14.5
-15.5
-13.2
-12.0
dB
-10.4
OIP3
36.0
36.2
36.8
35.0
dBm
33.0
P1dB
19.5
19.6
19.5
19.2
dBm
19.0
Noise Figure
0.68
0.77
0.82
0.87
dB
1.00
Parameter
Frequency
Unit
Vd = 3V
1750
1850
1950
2140
MHz
2650
Gain
18.4
18.1
17.7
17.0
dB
15.2
S11
-10.7
-10.4
-10.6
-10.7
dB
-12.1
S22
-14.6
-14.8
-12.5
-11.5
dB
-10.2
OIP3
30.2
30.2
30
28.7
dBm
28.2
P1dB
15.4
15.6
15.8
15.6
dBm
15.7
Noise Figure
0.62
0.70
0.73
0.80
dB
0.89
* NF
: Losses on input and output transmission lines on PCB are not de-embedded.
* NF
: Losses on input and output transmission lines on PCB are not de-embedded.
Typical Performance (Vd=3.0V, Id=35mA, T=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com