Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLB02 Datasheet (PDF) - BeRex Corporation

BLB02 Datasheet PDF - BeRex Corporation
Part # BLB02
Download  BLB02 Download
File Size   1125.02 Kbytes
Page   17 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 1500 – 2700 MHz High Linearity LNA

BLB02 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLB02 Datasheet PDF - BeRex Corporation

Part # BLB02
Download  BLB02 Click to download

File Size   1125.02 Kbytes
Page   17 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 1500 – 2700 MHz High Linearity LNA

BLB02 Datasheet (HTML) - BeRex Corporation


BLB02 Product details

Device Features
• Internally matched to 50 ohms
• Operated at 3.0V and 5.0V
• 36.2 dBm Output IP3 at 0dBm/tone at 1850 MHz
• 18.5dB Gain at 1850MHz
• 19.6dBm P1dB at 1850MHz
• 0.77 dB NF at 1850MHz on evaluation board
• Green/RoHS2 Compliant DFN8 2x2 Package

Product Description
BeRex’s BLB02 is a high linearity LNA, based on GaAs material with E-pHEMT process and packaged in a RoHS2-compliant DFN 8L 2x2mm2 Surface mount package. It is designed for use where low noise and high linearity are required and features low noise and high OIP3 at Frequency range of 1.5~2.7GHz. It is internally matched to 50 Ohms without external matching components, with fast enable switching speed for TD-LTE application. All devices are 100% RF/DC tested and classified as HBM ESD Class 1B.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE systems




Similar Part No. - BLB02

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB02 BEREX-BLB02 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BLB02 BEREX-BLB02_18 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
More results


Similar Description - BLB02

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
1500 to 2700 MHz Bypass LNA
logo
Skyworks Solutions Inc.
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
2300 ??2700 MHz High Gain and Linearity
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com