Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4541B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4541B
Description  PROGRAMMABLE TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4541B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4541B Datasheet HTML 1Page - STMicroelectronics HCC4541B Datasheet HTML 2Page - STMicroelectronics HCC4541B Datasheet HTML 3Page - STMicroelectronics HCC4541B Datasheet HTML 4Page - STMicroelectronics HCC4541B Datasheet HTML 5Page - STMicroelectronics HCC4541B Datasheet HTML 6Page - STMicroelectronics HCC4541B Datasheet HTML 7Page - STMicroelectronics HCC4541B Datasheet HTML 8Page - STMicroelectronics HCC4541B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC4541B
HCF4541B
November 1996
PROGRAMMABLE TIMER
EY
(Plastic Package)
16 STAGE BINARI COUNTER
LOW SYMMETRICAL OUTPUT RESISTANCE,
TYPICALLY 100 OHM AT VDD = 15V
OSCILLATOR FREQUENCY RANGE : DC TO
100kHz
AUTO OR MASTER RESET DISABLES OSCIL-
LATOR DURING RESET TO REDUCE POWER
DISSIPATION
OPERATES WITH VERY SLOW CLOCK RISE
AND FALL TIMES
BUILT-IN LOW-POWER RC OSCILLATOR
EXTERNAL CLOCK (applied to pin 3) CAN BE
USED INSTEAD OF OSCILLATOR
OPERATES AS 2
N FREQUENCY DIVIDER OR
AS A SINGLE-TRANSITION TIMER
Q/Q SELECT PROVIDES OUTPUT LOGIC
LEVEL FLEXIBILITY
CAPABLE OF DRIVING SIX LOW POWER TTL
LOADS, THREE LOW-POWER SCHOTTKY
LOADS, PR SIX HTL LOADS OVER THE
RATED TEMPERATURE RANGE
SYMMETRICAL
OUTPUT
CHARAC-
TERISTICS
100% TESTED FOR QUIESCENT CURRENT
AT 20V
5-10-15V PARAMETRIC RATINGS
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N 13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ’ B ’
SERIES CMOS DEVICES”
ORDER CODES :
HCC4541 BF
HCF4541 BM1
HCF4541 BEY
HCF4541 BC1
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
DESCRIPTION
PIN CONNECTION (top view)
The HCC/HCF4541B Programmable Timer is com-
posed of a 16-stage binary counter, an oscillator
controlled by 2 external resistors and a capacitor, an
output control logic and an automatic power-on
reset circuit. The counter varies on positive-edge
clock transation and it can be cleared by the MAS-
TER RESET input. The output from this timer is the
Q or Q output from the 8th, 13th, or 16th counter
stage. The choice of the stage depends on the time-
select inputs A or B (see frequency selection table).
The output is available in one of the two modes that
can be selected via the MODE input, pin 10 (see
truth table). The output turns out as a continuous
square wave, with a frequency equal to the oscillator
frequency divided by 2
N. When this MODE input is
1/11


Similar Part No. - HCC4541B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4541B STMICROELECTRONICS-HCC4541B Datasheet
193Kb / 10P
PROGRAMMABLE TIMER
Sep-2002
HCC4541B STMICROELECTRONICS-HCC4541B Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
HCC4541B STMICROELECTRONICS-HCC4541B_96 Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
More results

Similar Description - HCC4541B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com