Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4541B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4541B
Description  PROGRAMMABLE TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4541B Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4541B Datasheet HTML 1Page - STMicroelectronics HCC4541B Datasheet HTML 2Page - STMicroelectronics HCC4541B Datasheet HTML 3Page - STMicroelectronics HCC4541B Datasheet HTML 4Page - STMicroelectronics HCC4541B Datasheet HTML 5Page - STMicroelectronics HCC4541B Datasheet HTML 6Page - STMicroelectronics HCC4541B Datasheet HTML 7Page - STMicroelectronics HCC4541B Datasheet HTML 8Page - STMicroelectronics HCC4541B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/
°C, all input rise and fall time = 20ns)
Symbol
Parameter
VDD
(V)
Valu es
Unit
Min.
Typ.
Max.
(2
8)
tPHL
tPLH
Propagation Delay Time
Clock to Q
5
3.5
10.5
µs
10
1.25
3.8
15
0.9
2.9
(2
16)
tPHL
tPLH
56
18
µs
10
3.5
10
15
2.5
7.5
tTHL
Transition Time
5
100
200
ns
10
50
100
15
40
80
tTLH
5
180
360
10
90
180
15
65
130
Master Reset, Clock Pulse Width
5
900
300
ns
10
300
100
15
225
85
fCL
Maximum Clock Pulse Input Frequency
5
1.5
MHz
10
4
15
6
tr, tf
Maximum Clock Pulse Input Rise or Fall Time
5
Unlimited
µs
10
15
HCC/HCF4541B
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com