Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SA04FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SA04FU
Description  Inverter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA04FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SA04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 8Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7SA04F/FU
2007-11-01
4
DC Characteristics (Ta = −40~85°C, 1.8 V <= VCC < 2.3 V)
AC Characteristics (Ta = −40~85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.0
7.4
2.5
± 0.2
0.8
3.7
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
2.8
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
⎯
1.8~2.3
0.7
×
VCC
⎯
Input voltage
Low level
VIL
⎯
1.8~2.3
⎯
0.2
×
VCC
V
IOH = −100 μA
1.8
VCC
− 0.2
⎯
High level
VOH
VIN = VIL
IOH = −6 mA
1.8
1.4
⎯
IOL = 100 μA
1.8
⎯
0.2
Output voltage
Low level
VOL
VIN = VIH
IOL = 6 mA
1.8
⎯
0.3
V
Input leakage current
IIN
VIN = 0~3.6 V
1.8
⎯
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
⎯
10.0
μA
VIN = VCC or GND
1.8
⎯
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
⎯
±20.0
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com