Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SA04FU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7SA04FU
Description  Inverter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA04FU Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7SA04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 8Page - Toshiba Semiconductor TC7SA04FU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC7SA04F/FU
2007-11-01
5
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
0.25
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
0.6
Quiet output maximum dynamic VOL
VOLP
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
−0.25
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
−0.6
Quiet output minimum dynamic VOL
VOLV
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
−0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
1.5
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
1.9
Quiet output minimum dynamic VOH
VOHV
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
2.2
ns
Note 11: Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
⎯
1.8, 2.5, 3.3
5
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note 12)
1.8, 2.5, 3.3
18
pF
Note 12: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com