Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4099 Datasheet(PDF) 4 Page - SYC Electronica

Part # CD4099
Description  8-Bit Addressable Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4099 Datasheet(HTML) 4 Page - SYC Electronica

  CD4099 Datasheet HTML 1Page - SYC Electronica CD4099 Datasheet HTML 2Page - SYC Electronica CD4099 Datasheet HTML 3Page - SYC Electronica CD4099 Datasheet HTML 4Page - SYC Electronica CD4099 Datasheet HTML 5Page - SYC Electronica CD4099 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, Input tr = tf = 20 ns, unless otherwise noted
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: Dynamic power dissipation (PD) is given by: PD = (CPD + CL) VCC
2f
+ P
Q; where CL = load capacitance; f = frequency of operation; for further details,
see application note AN-90, “54C/74C Family Characteristics”.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay
VDD = 5V
200
400
ns
Data to Output
VDD = 10V
75
150
VDD = 15V
50
100
tPLH, tPHL
Propagation Delay
VDD = 5V
200
400
ns
Enable to Output
VDD = 10V
80
160
VDD = 15V
60
120
tPHL
Propagation Delay
VDD = 5V
175
350
ns
Clear to Output
VDD = 10V
80
160
VDD = 15V
65
130
tTLH, tTHL
Propagation Delay
VDD = 5V
225
450
ns
Address to Output
VDD = 10V
100
200
VDD = 15V
75
150
tTHL, tTLH
Transition Time
VDD = 5V
100
200
ns
(Any Output)
VDD = 10V
50
100
VDD = 15V
40
80
TWH, TWL
Minimum Data
VDD = 5V
100
200
ns
Pulse Width
VDD = 10V
50
100
VDD = 15V
40
80
tWH, tWL
Minimum Address
VDD = 5V
200
400
ns
Pulse Width
VDD = 10V
100
200
VDD = 15V
65
125
tWH
Minimum Clear
VDD = 5V
75
150
ns
Pulse Width
VDD = 10V
40
75
VDD = 15V
25
50
tSU
Minimum Set-Up Time
VDD = 5V
40
80
ns
Data to E
VDD = 10V
20
40
VDD = 15V
15
30
tH
Minimum Hold Time
VDD = 5V
60
120
ns
Data to E
VDD = 10V
30
60
VDD = 15V
25
50
tSU
Minimum Set-Up Time
VDD = 5V
−15
50
ns
Address to E
VDD = 10V
0
30
VDD = 15V
0
20
tH
Minimum Hold Time
VDD = 5V
−50
15
ns
Address to E
VDD = 10V
−20
10
VDD = 15V
−15
5
CPD
Power Dissipation Capacitance
Per Package (Note 5)
100
pF
CIN
Input Capacitance
Any Input
5.0
7.5
pF
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com