Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4099 Datasheet (PDF) - SYC Electronica

CD4099 Datasheet PDF - SYC Electronica
Part # CD4099
Download  CD4099 Download
File Size   93.53 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-Bit Addressable Latch

CD4099 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4099 Datasheet PDF - SYC Electronica

Part # CD4099
Download  CD4099 Click to download

File Size   93.53 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-Bit Addressable Latch

CD4099 Datasheet (HTML) - SYC Electronica


CD4099 Product details

General Description
The CD4099BC is an 8-bit addressable latch with three
address inputs (A0–A2), an active low enable input (E),
active high clear input (CL), a data input (D), and eight outputs
(Q0–Q7).
Data is entered into a particular bit in the latch when that bit
is addressed by the address inputs and the enable (E) is
LOW. Data entry is inhibited when enable (E) is HIGH.
When clear (CL) and enable (E) are HIGH, all outputs are
LOW. When clear (CL) is HIGH and enable (E) is LOW, the
channel demultiplexing occurs. The bit that is addressed
has an active output which follows the data input while all
unaddressed bits are held LOW. When operating in the
addressable latch mode (E = CL = LOW), changing more
than one bit of the address could impose a transient wrong
address. Therefore, this should only be done while in the
memory mode (E = HIGH, CL = LOW).

Features
 Wide supply voltage range: 3.0V to 15V
 High noise immunity: 0.45 VDD (typ.)
 Low power TTL: fan out of 2 driving 74L
compatibility: or 1 driving 74LS
 Serial to parallel capability
 Storage register capability
 Random (addressable) data entry
 Active high demultiplexing capability
 Common active high clear




Similar Part No. - CD4099

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4099 CDI-DIODE-CD4099 Datasheet
113Kb / 2P
ZENER DIODE CHIPS
logo
Texas Instruments
CD4099B TI-CD4099B Datasheet
237Kb / 5P
CMOS 8-BIT ADDRESSABLE LATCH
CD4099B TI-CD4099B Datasheet
969Kb / 17P
CMOS 8-BIT ADDRESSABLE LATCH
CD4099B TI-CD4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
CD4099B TI1-CD4099B Datasheet
973Kb / 16P
CMOS 8-Bit Addressable Latch
More results


Similar Description - CD4099

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com