Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71444MEVAL1Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL71444MEVAL1Z
Description  19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71444MEVAL1Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL71444MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
FN8892 Rev.3.02
Page 4
Dec 12, 2024
ISL71444M Datasheet
2.
Specifications
2.1
Absolute Maximum Ratings
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
2.2
Outgas Testing
2.3
Thermal Information
2.4
Recommended Operation Conditions
Parameter
Minimum
Maximum
Unit
Maximum Supply Voltage
-42
V
Maximum Differential Input Current
-20
mA
Maximum Differential Input Voltage
42 or V- - 0.5
V+ +0.5
V
Min/Max Input Voltage
42 or V- - 0.5
V+ +0.5
V
Max/Min Input Current for Input Voltage >V+ or <V-
-±20
mA
Maximum Storage Temperature Range
-65
+150
°C
Human Body Model (Tested per JS-001-2014)
-7
kV
Machine Model (Tested per JESD22-A115C)
-400
V
Charged Device Model (Tested per JS-002-2014)
-2
kV
Latch-Up (Tested per JESD78E; Class 2, Level A), at +125°C
-100
mA
Specification (Tested per ASTM E 595, 1.5)
Value
Unit
Total Mass Lost[1]
1. Outgassing results meet NASA requirements of Total Mass Lost <1% and Collected Volatile Condensible Material of <0.1%.
0.06
%
Collected Volatile Condensible Material[1]
<0.01
%
Water Vapor Recovered
0.03
%
Parameter
Package
Symbol
Conditions
Typical
Value
Unit
Thermal Resistance
14 Ld TSSOP Package
θJA[1]
1.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board. See TB379.
Junction to ambient
92
°C/W
θJC[2]
2. For θJC, the case temperature location is the top center.
Junction to case
30
°C/W
Parameter
Minimum
Maximum
Unit
Ambient Operating Temperature Range
-55
+125
°C
Maximum Operating Junction Temperature
+150
°C
Single Supply Voltage
3 ±10%
36 ±10%
V
Split Rail Supply Voltage
±1.5 ±10%
±18 ±10%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com