Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71444MEVAL1Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL71444MEVAL1Z
Description  19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71444MEVAL1Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL71444MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp ISL71444MEVAL1Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
FN8892 Rev.3.02
Page 21
Dec 12, 2024
ISL71444M Datasheet
Figure 59. Negative Input Bias Current vs TID (VS = ±18V)
Figure 60. Input Offset Voltage vs TID (VS =±18V)
Figure 61. Input Offset Current vs TID (VS =±18V)
Table 2. ISL71444M Response of Key Parameters vs. TID (VS = ±18V)
Parameter
Condition
Bias
0krad(Si)
10krad(Si)
30krad(Si)
50krad(Si)
Unit
Quad Power Supply
Current (Positive)
VS = ±18.0V
IS+
Avg (Biased)
5.56
5.42
5.28
5.24
mA
Avg (Unbiased)
5.59
5.56
5.46
5.45
Limit -
-
-
-
-
Limit +
11
11
11
11
Quad Power Supply
Current (Negative)
VS = ±18.0V
IS-
Avg (Biased)
-5.56
-5.42
-5.28
-5.24
mA
Avg (Unbiased)
-5.59
-5.56
-5.46
-5.45
Limit -
-11
-11
-11
-11
Limit +
-
-
-
-
-600
-500
-400
-300
-200
-100
0
010
30
50
Total Dose (krad(Si))
IB-, CH A, Bias
IB-, CH A, GND
IB-, CH B, Bias
IB-, CH B, GND
IB-, CH C, Bias
IB-, CH C, GND
IB-, CH D, Bias
IB-, CH D, GND
Spec Minimum
-600
-400
-200
0
200
400
600
010
30
50
Total Dose (krad(Si))
VOS, CH A, Bias
VOS, CH A, GND
VOS, CH B, Bias
VOS, CH B, GND
VOS, CH C, Bias
VOS, CH C, GND
VOS, CH D, Bias
VOS, CH D, GND
Spec Limits
-60
-40
-20
0
20
40
60
010
30
50
Total Dose (krad(Si))
IOS, CH A, Bias
IOS, CH A, GND
IOS, CH B, Bias
IOS, CH B, GND
IOS, CH C, Bias
IOS, CH C, GND
IOS, CH D, Bias
IOS, CH D, GND
Spec Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com