Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES14A0B-E28-R232N Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # ES14A0B-E28-R232N
Description  ES14 - 14 mm Rotary Optical Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ES14A0B-E28-R232N Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  ES14A0B-E28-R232N Datasheet HTML 1Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 2Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 3Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 4Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 5Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
■
RoHS compliant*
■
HCMOS, CMOS and TTL compatible
■
Compact package size
■
High rotational cycle life
■
Ball bearing shaft support
■
Recommended for machine/machine
interface applications (MMI)
ES14 - 14 mm Rotary Optical Encoder
Electrical Characteristics
Electrical Output ....................................................................................................................................................................................... 2-bit quadrature code
Resolution .......................................................................................................................................................................... 8 to 64 pulses per revolution (PPR)
Supply Voltage (VCC) ............................................................................................................................................................................... 5.0 VDC ± 0.25 VDC
Supply Current (ICC)........................................................................................................................................................................................26 mA maximum
Output Voltage
Low (VCE(sat)), per Channel .................................................................................................................................... 800 mV maximum at I(SINK) = 25 mA
High (VO(HI)), per Channel..................................................................................................................................... 4.0 VDC minimum @ VCC = 4.75 VDC
Output Current I(SINK), per Channel................................................................................................................................................................25 mA minimum
Rise/Fall Time........................................................................................................................................................................................................200 ns typical
Power Dissipation..........................................................................................................................................................................................167 mW maximum
Pulse Width (per Channel) ....................................................................................................................................................................................180 °e typical
Phase Angle (Channel A Leads Channel B, Clockwise Rotation)..........................................................................................................................90 °e ± 72 °e
Insulation Resistance @ 500 VDC.................................................................................................................................................... 1,000 megohms minimum
Operating RPM ..................................................................................................................................................................................................1000 maximum
Environmental Characteristics
Operating Temperature Range @ 5.0 VDC ......................................................................................................................-40 °C to +70 °C (-40 °F to +158 °F)
Storage Temperature Range........................................................................................................................................... -55 ºC to +125 ºC (-67 °F to +257 °F)
Vibration ..............................................................................................................................................................................................................................15 G
Shock ..................................................................................................................................................................................................................................50 G
Humidity ...................................................................................................................................................................... MIL-STD-202, Method 103, Condition B
Flammability ............................................................................................................................................................................................ Conforms to UL 94HB
IP Rating...........................................................................................................................................................................................................................IP 54**
Mechanical Characteristics
Mechanical Angle ............................................................................................................................................................................................360 ° Continuous
Torque
Starting/Running.............................................................................................................................................................1.05 N-mm (0.15 oz.-in.) maximum
Rotational Life .....................................................................................................................................................50,000,000 cycles (100,000,000 revolutions)
Shaft Radial Play.......................................................................................................................................................................................... 0.003 in. maximum
Shaft Axial Structural Strength ......................................................................................................................................................................... 35 lbs. minimum
Mounting Torque...........................................................................................................................................................................2.0 N-m (18 lb.-in.) maximum
Materials and Finishes
Terminals ........................................................................................................................................................................................................Sn plated PC pins
Soldering Condition
Manual Soldering .................................................................................................................... 96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire
96.5Sn/3.0Ag/0.5Cu solder with no-clean flux
370 °C (700 °F) max. for 3 seconds
Wave Soldering .............................................................................................................................................
260 °C (500 °F) max. for 5 seconds
Wash processes.......................................................................................................................................................................................Not recommended
Mounting Hardware
Nut......................................................................................................................................................... Brass, hex (metric)/Nickel-plated brass, hex (SAE)
Lockwasher ............................................................................................................................................................ Nickel-plated spring steel, internal tooth
Marking....................................................................................................Manufacturer’s symbol, model number, product code, terminal style and date code
Standard Packaging......................................................................................................................................................... Anti-static plastic tube (25 pcs./tube)
**When device is mounted by normal mounting means.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.


Similar Part No. - ES14A0B-E28-R232N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ES14A SECOS-ES14A Datasheet
271Kb / 2P
High Efficiency Recovery Rectifiers
ES14A-C SECOS-ES14A-C Datasheet
271Kb / 2P
High Efficiency Recovery Rectifiers
More results

Similar Description - ES14A0B-E28-R232N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14-14 BOURNS-EM14-14 Datasheet
462Kb / 5P
Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
14 mm Rotary Optical Encoder w/Switch
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
EM14A0D-C24-L032S BOURNS-EM14A0D-C24-L032S Datasheet
504Kb / 5P
EM14 - 14 mm Rotary Optical Encoder w/Switch
ENS1J-B28-L00256L BOURNS-ENS1J-B28-L00256L Datasheet
274Kb / 3P
EN - Rotary Optical Encoder
ENA1J-B28-L00128L BOURNS-ENA1J-B28-L00128L Datasheet
289Kb / 3P
EN - Rotary Optical Encoder
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L_12 Datasheet
274Kb / 3P
Rotary Optical Encoder
EM14R1D-R20 BOURNS-EM14R1D-R20 Datasheet
504Kb / 5P
EM14 - 14 mm Rotary Optical Encoder w/Switch
logo
List of Unclassifed Man...
LPD3806-100BM-G5-24C ETC-LPD3806-100BM-G5-24C Datasheet
235Kb / 2P
DIGITAL OPTICAL ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com