Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES14A0B-E28-R232N Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # ES14A0B-E28-R232N
Description  ES14 - 14 mm Rotary Optical Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ES14A0B-E28-R232N Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  ES14A0B-E28-R232N Datasheet HTML 1Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 2Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 3Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 4Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 5Page - Bourns Electronic Solutions ES14A0B-E28-R232N Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ES14 - 14 mm Rotary Optical Encoder
Part Numbering System
Additional Features
■
Cable/connector option
■
Optional bracket
ES 1 4 A 0 D - E 2 8 - L 0 3N
2
ES14 14 mm Rotary Optical Encoder
Code
A
Description
3/8 ˝ D x 3/8 ˝ L Threaded
BUSHING DESIGNATOR
Code
08
16
32
64
Description
8 PPR
16 PPR
32 PPR
64 PPR
RESOLUTION (Pulses Per Revolution)
Code
0
1
2
3
4
Description
No Cable/Connector
6 ˝ Cable with Female Connector
(0.049 ˝/1.25 mm pitch centers in-line)
and stripped/tinned leads
6 ˝ Cable with Female Connector
(0.049 ˝/1.25 mm pitch centers in-line)
on both ends
12 ˝ Cable with Female Connector
(0.049 ˝/1.25 mm pitch centers in-line)
and stripped/tinned leads
12 ˝ Cable with Female Connector
(0.049 ˝/1.25 mm pitch centers in-line)
on both ends
Cable and Connector Options:
H-290-4 = 6 ˝ Cable with Female Connector (0.049 ˝/1.25 mm pitch centers in-line) and stripped/tinned leads
H-290-1 = 6 ˝ Cable with Female Connector (0.049 ˝/1.25 mm pitch centers in-line) on both ends
H-290-2 = 12 ˝ Cable with Female Connector (0.049 ˝/1.25 mm pitch centers in-line) and stripped/tinned leads
H-290-3 = 12 ˝ Cable with Female Connector (0.049 ˝/1.25 mm pitch centers in-line) on both ends
For other cable and connector options, please contact the factory.
CABLE/CONNECTOR OPTION
MODEL NO. DESIGNATOR
Code
A
B
D
Description
A/R Lug
Bracket (No hardware/no cable or
connector)
None
ANTI-ROTATION LUG/BRACKET OPTION
Code
0
Description
No Detent
DETENT OPTION
Code
N
Description
No Switch
SWITCH OPTION
Code
L
R
Description
Axial Multi-Purpose Pin
Radial Multi-Purpose Pin
TERMINAL CONFIGURATION
Code
E
Description
1/8 ˝ Dia. Slotted End
Available w/
Bushing
A
SHAFT STYLE (See Outline Drawing for Details)
Code
28
Length (FMS)
7/8 ˝
Available w/Bushing
A
SHAFT LENGTH DESIGNATOR
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com