Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX646FS Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74LCX646FS
Description  Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX646FS Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74LCX646FS Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TC74LCX646FS
2007-10-19
9
90%
10%
Input
(An, Bn)
Input
(CAB, CBA)
2.7 V
GND
2.7 V
GND
VOH
VOL
ts (H)
th (H)
tr 2.5 ns
tf 2.5 ns
1.5 V
Output
(Bn, An)
1.5 V
ts (L)
th (L)
tW (H)
tW (L)
tpHL
tpLH
1.5 V
Figure 5 tpLH, tpHL, tw, ts, th
Figure 4 tpLZ, tpHZ, tpZL, tpZH
90%
10%
Input
(DIR)
2.7 V
GND
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
tf 2.5 ns
tr 2.5 ns
1.5 V
1.5 V
tpHZ
tpZL
1.5 V
VOL + 0.3 V
VOH − 0.3 V
tpZL
tpLZ
1.5 V
VOL + 0.3 V
VOH − 0.3 V
tpZH
tpHZ
tpLZ
tpZH
Output
(An)
Output
(An)
Output
(Bn)
Output
(Bn)
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com