Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX646FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCX646FS
Description  Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX646FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX646FS Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX646FS Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74LCX646FS
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX646FS
Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
The TC74LCX646FS is a high performance CMOS octal bus
transceiver/register. Designed for use in 3.3-V systems, it
achieves high-speed operation while maintaining the CMOS low
power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
both inputs and outputs.
This device is bus transceiver with 3-state outputs, D-type
flip-flops, and control circuitry arranged for multiplexed
transmission of data directly from the internal registers.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 7.0 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Available in SSOP
• Bidirectional interface between 5.0 V and 3.3 V signals
• Power-down protection provided on all inputs
• Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 646 type
Note 1: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
All floating (high impedance) bus pins must have their input levels fixed by means of pull-up or pull-down
resistors.
Weight: 0.14 g (typ.)


Similar Part No. - TC74LCX646FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX646FS TOSHIBA-TC74LCX646FS Datasheet
163Kb / 11P
Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX646FS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX646FS TOSHIBA-TC74LCX646FS Datasheet
163Kb / 11P
Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS Datasheet
139Kb / 11P
Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_07 Datasheet
248Kb / 10P
Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS_07 Datasheet
208Kb / 11P
Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_10 Datasheet
235Kb / 12P
Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com