Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX652FS Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74LCX652FS
Description  Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX652FS Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX652FS Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74LCX652FS
2007-10-19
5
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 7.0
V
DC input voltage
(CAB, CBA, SAB, SBA, OEAB, OEBA )
VIN
−0.5 to 7.0
V
−0.5 to 7.0 (Note 2)
DC bus I/O voltage
VI/O
−0.5 to VCC + 0.5
(Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Output in OFF state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
2.0 to 3.6
Power supply voltage
VCC
1.5 to 3.6 (Note 2)
V
Input voltage
(CAB, CBA, SAB, SBA, OEAB, OEBA )
VIN
0 to 5.5
V
0 to 5.5
(Note 3)
Bus I/O voltage
VI/O
0 to VCC (Note 4)
V
±24
(Note 5)
Output current
IOH/IOL
±12
(Note 6)
mA
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 7)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: Output in OFF state
Note 4: High or low state
Note 5: VCC = 3.0 to 3.6 V
Note 6: VCC = 2.7 to 3.0 V
Note 7: VIN = 0.8 to 2.0 V, VCC = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com