Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX652FS Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74LCX652FS
Description  Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX652FS Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74LCX652FS Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX652FS Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74LCX652FS
2007-10-19
7
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
2.7
⎯
⎯
Maximum clock frequency
fmax
Figure 1, Figure 2
3.3
± 0.3
150
⎯
MHz
2.7
⎯
8.0
Propagation delay time
(An, Bn-Bn, An)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
7.0
ns
2.7
⎯
9.5
Propagation delay time
(CAB, CBA-Bn, An)
tpLH
tpHL
Figure 1, Figure 5
3.3
± 0.3
1.5
8.5
ns
2.7
⎯
9.5
Propagation delay time
(SAB, SBA-Bn, An)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
8.5
ns
2.7
⎯
9.5
Output enable time
(OEAB, OEBA -An, Bn)
tpZL
tPZH
Figure 1, Figure 3, Figure 4
3.3
± 0.3
1.5
8.5
ns
2.7
⎯
9.5
Output disable time
(OEAB, OEBA -An, Bn)
tpLZ
tpHZ
Figure 1, Figure 3, Figure 4
3.3
± 0.3
1.5
8.5
ns
2.7
3.3
⎯
Minimum pulse width
tW (H)
tW (L)
Figure 1, Figure 5
3.3
± 0.3
3.3
⎯
ns
2.7
2.5
⎯
Minimum setup time
ts
Figure 1, Figure 5
3.3
± 0.3
2.5
⎯
ns
2.7
1.5
⎯
Minimum hold time
th
Figure 1, Figure 5
3.3
± 0.3
1.5
⎯
ns
2.7
⎯
⎯
Output to output skew
tosLH
tosHL
(Note)
3.3
± 0.3
⎯
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Dynamic Switching Characteristics
(Ta
= 25°C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Quiet output maximum
dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.8
V
Quiet output minimum
dynamic VOL
|VOLV| VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.8
V
Note:
Characterized with 7 outputs switching from high-to-low or low-to- high. The remaining output is measured
in the low state.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
OEAB, OEBA , CAB, CBA, SAB, SBA
3.3
7
pF
Bus input capacitance
CI/O
An, Bn
3.3
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
3.3
25
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com