Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC1D-B16-R00025L Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # ENC1D-B16-R00025L
Description  EN - Rotary Optical Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ENC1D-B16-R00025L Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  ENC1D-B16-R00025L Datasheet HTML 1Page - Bourns Electronic Solutions ENC1D-B16-R00025L Datasheet HTML 2Page - Bourns Electronic Solutions ENC1D-B16-R00025L Datasheet HTML 3Page - Bourns Electronic Solutions ENC1D-B16-R00025L Datasheet HTML 4Page - Bourns Electronic Solutions ENC1D-B16-R00025L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EN – Rotary Optical Encoder
How To Order
BOURNS EN SERIES OPTICAL ENCODER
E NC1J-D28-L00128L
ANTI-ROTATION
LUG POSITION
Code
D
J
P
Description
None
9:00 Position
Rear Mount-
ing Bracket
SHAFT LENGTH*
Code
16
20
24
28
Description
1/2 " Long
5/8 " Long
3/4 " Long
7/8 " Long
RoHS IDENTIFIER
Code
L
Description
Compliant
SWITCHING
CONFIGURATION
Code
1
Description
Channel A
Leads
Channel B
By 90 ϒ
(Clockwise
Rotation)**
TERMINAL***
CONFIGURATION
Code
L
R
M
N
W
Y
Description
Axial, Multi-
Purpose Pin
Radial, Multi-
Purpose Pin
Axial, Ribbon
& Connector
10 “
Radial, Ribbon
& Connector
10 ”
Axial, Ribbon
10 “ -
No Connector
Radial, Ribbon
10 ” -
No Connector
RESOLUTION
Code
00025
00050
00064
00100
00125
00128
00200
00256
Cycles Per
Revolution
25
50
64
100
125
128
200****
256****
SHAFT STYLE
Code
B
D
C
Use With
Bushings (Code)
A, S
C, T, W
A, S
Description
1/4 " Dia., Plain End
1/8 " Dia., Plain End
1/4 " Dia., Single
Flatted
BUSHING CONFIGURATION
Code
A
C
S
T
W
Description
3/8 "D X 3/8 "L Threaded
1/4 "D X 1/4 "L Threaded
3/8 "D X 3/8 "L Threaded
(Ball Bearing)
1/4 "D X 3/8 "L Threaded
(Ball Bearing)
Servo Mount 7/8 "D
(Ball Bearing) -
Not available with Anti-
Rotation Lug option
* Shaft length measured from mounting surface.
** 25 and 50 PPR is reversed (Channel B leads Channel A).
*** Standard ribbon cable is 10 " long. Consult factory for other lengths.
**** Available with S, T, and W bushing configuration only.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
REV. 11/22



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com