Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC1D-B16-R00025L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # ENC1D-B16-R00025L
Description  EN - Rotary Optical Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ENC1D-B16-R00025L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  ENC1D-B16-R00025L Datasheet HTML 1Page - Bourns Electronic Solutions ENC1D-B16-R00025L Datasheet HTML 2Page - Bourns Electronic Solutions ENC1D-B16-R00025L Datasheet HTML 3Page - Bourns Electronic Solutions ENC1D-B16-R00025L Datasheet HTML 4Page - Bourns Electronic Solutions ENC1D-B16-R00025L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EN – Rotary Optical Encoder
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Dimensional Drawings
Optional
Radial Leads
A
-+
B
GROUND
N.C.
Vcc
CHANNEL B
CHANNEL A
TERMINATION DIAGRAM
2.54
(.100)
TYP.
SQ.
1/4-32 UNEF
DIA.
3/8-32 UNEF
3/8-32 UNEF
1/4-32 UNEF
Optional
Radial Leads
Bushing Style C
Bushing Style S
(Ball Bearing)
Bushing Style A
Shaft End Style C
Bushing Style T
(Ball Bearing)
Servo Mount Style W (Ball Bearing)
9.525
(.375)
.635
(.025)
18.5
(.73)
6.35
(.250)
6.34
(.2497)
5.54
(.218)
F
3.167 + .000/ – .0076
(.1247 + .000/ – .0003)
8.636
(.34 )
4 PLCS.
2 PLCS.
Recommended Board Layout
with Bracket
Bushing with Bracket
Radial Leads
Axial Ribbon Cable OptionRadial Ribbon Cable Option
18.11
(.713)
11.13
(.438)
4.14
(.163)
2.54
(.100)
6.99
(.275)
9 PLCS.
DIA. MIN.
0.99
(.039)
15.88
(.625)
1.37
(.054)
21.21
(.835)
2.36
(.093)
9.53
(.375)
6.342 + .000/ – .0076
(.2497 + .000/ – .0003)
10.32 + .000/ – .0508
(.4062 + .000/ – .002)
9.53
(.375)
9.53
(.375)
DIA.
6.342 + .000/ – .0076
(.2497 + .000/ – .0003)
DIA.
1.57
(.062)
DIA.
3.167 + .000/ – .0076
(.1247 + .000/ – .003)
1.57
(.062)
9.53
(.375)
DIA.
7.14 + .000/ – .0508
(.281 + .000/ – .002) DIA.
1.57
(.062)
1.57
(.062)
DIA.
3.167 + .000/ – .0076
(.1247 + .000/ – .003)
21.8
(.86)
DIA.
19.05 ± .0127
(.7500 ± .0005)
DIA.
22.2 + .0127 / – .1270
(.875 + .0005 / – .0050)
1.57
(.062)
.787 ± .254
(.031 ± .010)
.254 ± .076
(.010 .003)
R.
SHAFT
LENGTH
SHAFT FLAT
LENGTH
(DIM. F)
12.7
(.050)
15.9
(.625)
19.1
(.750)
2.54
(.100)
5.08
(.200)
8.25
(.325)
22.2
(.875)
9.65
(.380)
A
—+ B
Ribbon Cable Option Detail
Connector
Pinout
Connector
Pinout
Stripped/
Tin-Plated
5
4
3
2
1
5
4
3
2
1
Consult factory for options not shown,
including:
• Wire lead or cable options
• Connectors
• Non-standard resolutions
• Special shaft/bushing sizes and features
• Special performance characteristics
• PCB mounting bracket
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com