Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS411PLUSII Datasheet(PDF) 1 Page - Synology Inc.

Part # DS411PLUSII
Description  Synology DiskStation DS411II
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS411PLUSII Datasheet(HTML) 1 Page - Synology Inc.

  DS411PLUSII Datasheet HTML 1Page - Synology Inc. DS411PLUSII Datasheet HTML 2Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Synology DiskStation DS411+II
High-Performance & Easy to Manage 4-bay All-in-1 NAS Server for SMB Users
Synology® DiskStation DS411+II is specifically designed for small and medium-sized businesses who
need a high-performance, easy to manage, and full-featured network attached storage solution to
centralize data backups, protect critical assets and share files across different platforms. Synology
protects your investment in the DS411+II with a 2-year limited warranty.
Highlights
● 110.73 MB/sec Reading 105.48 MB/sec Writing1
● Running on Synology DiskStation Manager (DSM)
● Complete Backup Solutions
● Windows ADS and ACL Supported
● Hard Drive Hibernation
● Power-saving with only 41.8W in Operation
High Performance
The Synology DS411+II is designed for business users who require a
reliable storage solution and demand high-performance for file sharing.
The Synology DS411+II delivers an average 110.73 MB/sec reading and
105.48MB/sec writing speeds under RAID 5 configuration in a Windows®
environment.
Easy Setup and Management
For users who are limited on time or may not be familiar with configuring
complicated routers, the Synology EZ-Internet Wizard simplifies the process
of allowing access to the Synology DS411+II from the Internet. The EZ-
Internet Wizard walks the user through all of the settings required including
firewall settings, port-forwarding, PPPoE setup and DDNS registration for a
hassle-free solution to remote access.
Running on AJAX technology, DiskStation Manager’s UI is intuitive and
easy-to-use. To save time and minimize redundancy, common tasks are
automated, such as creating private shared folders for a large number of
users with the User Home feature. Sub-folder privilege settings further
extend the flexibility to allocate permissions to different workgroups.
Flexible RAID Management
The Synology Hybrid RAID (SHR) automatically builds an optimal RAID
volume with data protection based on the hard drives installed, eliminating
the need to have hard drives of identical size, while still offering a manual
setup option for advanced users.
Multiple Volumes on RAID allows you to create more than one volume on
a RAID structure, providing a flexible and efficient way to manage your
storage across all available hard drives. When the need arises to expand the
volumes, simply allocate more storage space on the UI, and DSM does the
rest for you without any service disruption.
Complete Backup Solutions
The Synology DS411+II offers a centralized backup target to consolidate
fragmented and unstructured data across the network. Integrating easily
into a current network structure and compatible with Windows®, Mac®, and
Linux systems, the DS411+II provides the entire office data redundancy and
protection. PC Users can back up their data to the Synology DS411+II using
the free Synology Data Replicator software, while Mac OS X users enjoy
native Apple® Time Machine® integration. A backup wizard is also provided
for backing up data in the DS411+II to another Synology DiskStation or any
rsync server via an encrypted transmission, or to an external hard drive via
USB or eSATA connection. Furthering options, the wizard also makes it easy
to backup to the cloud via Amazon® S3.
Full-featured Business Applications
The Synology DS411+II runs on the renowned operation system, Synology
DSM, offering applications and features designed specifically for SMBs.
Comprehensive network protocol support assures seamless file sharing
across Windows, Mac, and Linux platforms. Windows ADS integration allows
the Synology DS411+II to quickly and easily fit in an existing business
network environment with no need to recreate user accounts.
Windows ACL support on DS411+II provides much finer-grained access
control and efficient privilege settings, allowing IT staffs to set up privileges
to files and folders on DS411+II through their familiar Windows user
interface. The privileges set on Windows ACL will be applied to all access
entries, including AFP, FTP, File Station, NFS and WebDAV. The secure
privilege offers IT staff peace of mind, no worries about any loopholes.
Internet file access is simplified with the included encrypted FTP server
and the web-based file explorer, Synology File Station. HTTPS, the built-in
firewall, and IP auto-block support ensure file sharing over the Internet is
protected at a high security level.
A wealth of additional features allows the Synology DS411+II to replace
several pieces of network hardware. Synology Web Station with support
for PHP/MySQL content allows for the hosting of up to 30 websites
on a single Synology DS411+II. Synology Surveillance Station offers a
centralized interface to safeguard the office environments by deploying IP
cameras throughout the network. The built-in mail server turns a Synology
DS411+II into a dedicated mail service provider and the USB printer sharing
capability minimizes businesses’ printing cost by sharing printing resources
throughout the office.
Using the NFS protocol or iSCSI target support within DiskStation Manager,
the Synology DS411+II provides seamless serving with Windows, Linux, or
Virtual Machine Servers.
Energy Efficient Design
Synology DiskStations are designed and developed with energy efficiency
in mind. Compared with the average PC counterparts, the Synology
DS411+II consume relatively low amount of power at 41.8 watts only in
operation. The support of Wake on LAN/WAN, scheduled power on and off
and hard drive hibernation can further reduce power consumption and
operation cost.
All Synology products are produced with RoHS compliant parts and
packed with recyclable packing materials. Synology acknowledges
the responsibility as a global citizen to continually work to reduce the
environmental impact of every product produced.
Data Sheet
DS411+II


Similar Part No. - DS411PLUSII

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DS411PLUS SYNOLOGY-DS411PLUS Datasheet
531Kb / 2P
Synology DiskStation DS411
More results

Similar Description - DS411PLUSII

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141627 MOTOROLA-MC141627 Datasheet
153Kb / 16P
ADVANCED PAL COMB FILTER-II(APCF-II)
logo
Littelfuse
0252.062M- LITTELFUSE-0252.062M- Datasheet
178Kb / 1P
PICO II
0252.250M- LITTELFUSE-0252.250M- Datasheet
178Kb / 1P
PICO II
0252.500M- LITTELFUSE-0252.500M- Datasheet
178Kb / 1P
PICO II
logo
GSI Technology
GS8672D19BGE-333I GSI-GS8672D19BGE-333I Datasheet
483Kb / 28P
72Mb SigmaQuadTM-II 72Mb SigmaQuadTM-II
GS81302D38AGD-633 GSI-GS81302D38AGD-633 Datasheet
446Kb / 26P
144Mb SigmaQuad-II 144Mb SigmaQuad-II
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
288Mb SigmaQuad-II 288Mb SigmaQuad-II
GS8342Q10BGD-200 GSI-GS8342Q10BGD-200 Datasheet
502Kb / 28P
36Mb SigmaQuad-II 36Mb SigmaQuad-II
GS8672D38BGE-400 GSI-GS8672D38BGE-400 Datasheet
483Kb / 30P
72Mb SigmaQuad-IITM72Mb SigmaQuad-IITM
logo
Lapp.
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com