Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS411PLUSII Datasheet(PDF) 2 Page - Synology Inc.

Part # DS411PLUSII
Description  Synology DiskStation DS411II
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS411PLUSII Datasheet(HTML) 2 Page - Synology Inc.

  DS411PLUSII Datasheet HTML 1Page - Synology Inc. DS411PLUSII Datasheet HTML 2Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
DS411+II
CONNECTIONS & BUTTONS
Networking
SYNOLOGY INC.
Founded in 2000, Synology is a young and energetic
company dedicated to developing high-performance,
reliable, versatile, and environmentally-friendly
Network Attached Storage (NAS) products. Our goal
is to deliver user-friendly solutions and solid customer
service to satisfy the needs of businesses, home offices,
individual users and families.
Copyright © 2011, Synology Inc. All rights reserved.
Synology, the Synology logo are trademarks or
registered trademarks of Synology Inc. Other product
and company names mentioned herein may be
trademarks of their respective companies. Synology
may make changes to specification and product
descriptions at anytime, without notice.
Printed in Taiwan,
DS411+II-2011-ENU-REV006
http://www.synology.com
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan
Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
North & South America
Synology America Corp.
2899 152nd Ave NE, Redmond, WA 98052. USA
Tel: +1 425 818 1587
Synology UK Ltd.
Davy Avenue, Knowlhill,
Milton Keynes, Bucks,
MK5 8PB, UK
Tel: +44 01908 673 709
TechnicalSpecifications
Hardware
• CPU: Dual Core 1.8 GHz
• RAM Size: DDR2 1 GB
• Internal HDD2: 4X 3.5” SATA(II) or 4X 2.5” SATA/SSD
• External HDD Interface: 2X USB ports, 1X eSATA port
• Size: 168mm X 184mm X 230mm
• Weight: 2.23kg
• LAN: 1X Gigabit
• Wireless Support3
• Fan: 2X (80mm X 80mm)
• Wake on LAN
• Noise Level4: 22.5dB(A)
• Power Recovery
• AC Input Power Voltage: 100V to 240V
• Power Frequency: 50Hz to 60Hz, Single Phase
• Max Internal Capacity: 12TB (4X 3TB hard drives)5
• Operating Temperature: 5°C to 35°C (40°F to 95°F)
• Storage Temperature: -10°C to 70°C (15°F to 155°F)
• Relative Humidity: 5% to 95% RH
• Max Operating Altitude: 10,000 feet
• Power Consumption6: 41.8W (Access); 19.8W (HDD
Hibernation)
• Certification: FCC Class, CE Class B, BSMI Class B
Applications
File Station
FTP Server
• Bandwidth Control
• Custom FTP Passive Port Range
• Anonymous FTP
• Transfer Log
Mail Server
• Supported Mail Server Protocol : POP3, SMTP, IMAP
Web Station
• Virtual Host (up to 30 websites)
• PHP/MySQL
• Alternative HTTP Error Page
• 3rd-Party Applications Support
Surveillance Station
• Default IP cam #: 1
• MAX IP cam # (licenses required): 207
Photo Station
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, RAW
(arw, srf, sr2, dcr, k25, kdc, cr2, crw, nef, mrw, ptx, pef, raf,
3fr, erf, mef, mos, orf, rw2, dng, x3f)
• Supported Video Format8: 3G2, 3GP, ASF, AVI, DAT, DivX,
FLV, M4V, MOV, MP4, MPEG, MPG, QT, WMV, XviD, RM,
RMVB, VOB, RV30, RV40, AC3, AMR, WMA3
Download Station
• Supported Download Protocols: BT/HTTP/FTP/NZB/eMule
• Custom BitTorrent Port Range
• BitTorrent / eMule Bandwidth Control
Audio Station
• Supported Audio Format: (USB Mode) AAC, FLAC, M4A,
MP3, Ogg Vorbis, WMA, WMA VBR; (Streaming Mode)
MP3, M4A, M4B
• Supported Playlist Format: M3U, WPL
• Internet Radio: SHOUTcast, Radioio
DLNA/UPnP Media Server Support
• PS3/Xbox 360 Support
• Supported Audio Format: AAC, FLAC, M4A, MP3, Ogg
Vorbis, PCM, WAV, WMA, WMA VBR, WMA PRO, WMA
Lossless
• Supported Video Format: 3GP, 3G2, ASF, AVI, DAT, DivX,
DVR-MS, ISO, M2T, M2TS, M4V, MKV, MP4, MPEG1, MPEG2,
MPEG4, MTS, MOV, QT, SWF, TP, TRP, TS, VOB, WMV, XviD,
RV30, RV40, AC3, AMR, WMA3
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, ICO,
PNG, PSD, TIF (tiff), UFO, RAW (arw, srf, sr2, dcr, k25, kdc,
cr2, crw, nef, mrw, ptx, pef, raf, 3fr, erf, mef, mos, orf, rw2,
dng, x3f)
• Supported Subtitles Format: srt, psb, smi, ass, ssa, sub,
idx, ifo
iTunes Server
• Supported Audio Format9: MP3, M4A, M4P, WAV, AIF
• Supported Video Format: M4V, MOV, MP4
• Supported Playlist Format: M3U, WPL
Printer Support10
• Max Printer #: 2
• Supported Protocols: LPR, CIFS, AppleTalk, AirPrint, Multi
Functional Print Server
Synology Packages
• Mail Station 2
• Squeezebox Server
• Weblizer
• phpMyAdmin
• Time Backup
• HASP
iPhone Applications
• DS photo+
• DS audio
• DS cam
• DS file
General Specifications
Networking Protocols
• CIFS, AFP, FTP, iSCSI, Telnet, SSH, NFS, SNMP
File System
• EXT4
• EXT3 (External Disk Only)
• FAT (External Disk Only)11
• NTFS (External Disk Read Only)11
Volume Management
• Synology Hybrid RAID
• Max Volume #: 512
• MAX iSCSI Target / LUN: 32 / 256
• Volume Type: Basic, JBOD, RAID 0, RAID 1, RAID 5, RAID
5+Spare, RAID 6, RAID 10
• RAID Migration: from Basic to RAID 1, Basic to RAID 5,
Basic to RAID 5+Spare, RAID 1 to RAID 5, RAID 1 to RAID
5+Spare, RAID 5 to RAID 5+Spare, RAID 5 to RAID 6
• Expand RAID 1, RAID 5, RAID 5+Spare or RAID 6 with
Larger Hard Drives
• Expand RAID 5 by Adding a Hard Drive On The Fly
File Sharing Capability
• Max User Account: 2048
• Max Group: 256
• Max Shared Folder: 256
• Max Concurrent Connections (SAMBA, FTP, AFP): 512
Windows ADS Domain Integration
• Domain Users login via Samba/AFP/FTP/File Station
Backup Solutions
• Network Backup
• Local Backup
• Desktop Backup (using Synology Data Replicator 3 or
Apple Time Machine backup application)
• 3rd-Party Backup Support
Security
• FTP over SSL/TLS
• IP Auto-Block
• Firewall
• Encrypted Network Backup over rsync
• HTTPS Connection
Management
• DSM upgrade
• Email Notification
• SMS Notification
• Customized User Quota
• DDNS Support
• PPPoE
• Resource Monitor
• UPS Management
• Scheduled Power On/Off
• Custom Management UI HTTP/HTTPS Ports
HDD Management
• HDD Hibernation
• S.M.A.R.T.
• Dynamic Bad Sector Mapping
Utilities
• Synology Assistant
• Synology Data Replicator
Supported Browsers
• Chrome
• Internet Explorer 7/8/9
• Firefox 3.5/3.6
• Safari 4/5 (Mac)
Supported Clients
• Windows 2000 onward
• Mac OS X 10.3 onward
• Ubuntu 9.04 onward
Supported Mobile Devices (Photo Station, File Station)
• iPhone OS 2.2.1 onward
• Android OS 1.5 oneard
• Windows Mobile (IE Mobile or Opera 9.0 onward)
• Symbian OS 9.1, S60 3rd Edition onward
Language
• English, Deutsch, Français, Italiano, Español, Dansk,
Norsk, Svensk, Nederlands, Русский, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Environment and Packaging
Environment
• RoHS Compliant
Package Content
• DS411+II Main Unit
• Installation disc
• Welcome Note
• Assembling Kit
• AC Power Cord
• 2M RJ-45 LAN Cable
Optional Accessories
• Remote
• Camera License Pack
1. The performance figures are achieved in Synology lab by using
very powerful client computers with extremely optimized
network settings, and could vary on different environments. A
regular office desktop/notebook may not be able to achieve these
high performance figures.
2. Hard drive not included.
3. Wireless dongles not included. Please check http://www.synology.
com/ for supported wireless dongles
4. Fully loaded with Seagate 1TB ST31000520AS hard drive(s)
in operation; Two G.R.A.S. Type 40AE microphones, each
set up at 1 meter away from the DiskStation front and
rear; Background noise: 17.2 dB(A); Temperature: 23.6°C;
Humidity: 58.2%; More details about dB(A) value, check:
http://www.quietnoise.com/facts.htm
5. The actual capacity will differ according to volume types.
6. Measured with 4 Seagate 750GB ST3750640NS hard drive. The
figures could vary on different environments.
7. 1 free license to install 1 IP camera. Additional licenses can be
purchased to expand the license quota.
8. User can click and download the following video formats: RM,
RMVB, VOB, RV30, RV40, AC3, AMR, WMA3, but not able to play it
in Photo Station as compressed Flash video.
9. The music in WAV and AIF format can be streamed, but the
metadata (ex: title, album) may not be indexed on the iTunes.
10.For Mac users, DS411+II supports PostScript USB printers only.
11.Primary partition only.
POWER
FAN
eSATA
LAN
AC Input
USB 2.0
USB Printer
DS411+II
External Disk
Wireless Router
DS411+II
Windows ADS Server
IP Camera
PC / Mac / Linux
PC / Mac / Linux
Safety Lock
RESET
LED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com