Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS413J Datasheet(PDF) 3 Page - Synology Inc.

Part # DS413J
Description  DiskStation DS413j
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS413J Datasheet(HTML) 3 Page - Synology Inc.

  DS413J Datasheet HTML 1Page - Synology Inc. DS413J Datasheet HTML 2Page - Synology Inc. DS413J Datasheet HTML 3Page - Synology Inc. DS413J Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Hardware
CPU
Marvell Kirkwood 1.6GHz
Hardware Encryption Engine
Yes
RAM Size
DDR3 512MB
Internal HDD/SSD
3.5” or 2.5” SATA(II) X 4 (hard drives not included)
Max Internal Capacity
16TB (4X 4TB hard drives) (The actual capacity will differ according to volume types.)
External HDD Interface
2X USB 2.0 ports
Size (HxWxD)
184mm X 168mm X 230mm
Weight
2.23kg
LAN
1X Gigabit
Wake on LAN/WAN
Yes
Noise Level1
18.9 dB(A)
AC Input Power Voltage
100V to 240V
Power Frequency
50Hz to 60Hz, Single Phase
Operating Temperature
5°C to 35°C (40°F to 95°F)
Storage Temperature
-10°C to 70°C (15°F to 155°F)
Relative Humidity
5% to 95%RH
Power Consumption2
31.56 W (Access), 7.68 W (HDD Hibernation)
Applications
File Station
Virtual Drive, Remote Folder
Backup Solutions
Network Backup, Local Backup, Desktop Backup (Window: Synology Data Replicator; Mac: Apple Time
Machine backup application), Shared Folder Sync - Max Task Number : 2, Configuraiton Backup
Mail Server
Supported Mail Server Protocols : POP3, SMTP, IMAP
FTP Server
Bandwidth Control, Custom FTP Passive Port Range, Anonymous FTP, Transfer Log
Web Station
Virtual Host (up to 30 websites), PHP/MySQL®, 3rd-Party Applications Support
Printer Server
Max Printer #: 2, Printing Protocols: LPR, CIFS, IPP, Apple AirPrint™, Google Cloud Print™, Multi Functional Print
Server (MFP functions are for Windows® PC only)
iOS/Android Applications
DS photo+, DS audio, DS cam, DS file, DS finder
Windows Phone Applications
DS finder
Connections & Buttons
LAN Port
Power
Button
LED
indicators
Fans
Power Port
RESET
USB 2.0
Ports



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com