Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS413J Datasheet(PDF) 4 Page - Synology Inc.

Part # DS413J
Description  DiskStation DS413j
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS413J Datasheet(HTML) 4 Page - Synology Inc.

  DS413J Datasheet HTML 1Page - Synology Inc. DS413J Datasheet HTML 2Page - Synology Inc. DS413J Datasheet HTML 3Page - Synology Inc. DS413J Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Add-on Packages
Surveillance Station
Default IP cam #: 1, MAX IP cam # (licenses required): 5 (1 free license to install 1 IP camera. Additional
licenses can be purchased to expand the license quota.)
Directory Server
LDAP Directory Server, Backup and Restore LDAP Database
VPN Server
Maximum Connections : 5, VPN Method: PPTP, OpenVPN™
DHCP Server
Independent DHCP Server on Different Network Interfaces, Multiple Subnets Support, Address Reservation
Syslog Server
SSL Connection, Log Rotation: 6 months, 1 year, 2 years, 3 years, Email Notificaiton
Mail Station
Webmail Interface for Mail Server, Receiving Mails from Multiple POP3 Mailboxes, Customizable SMTP Server
Antivirus Essential
Full System Scan, Scheduled Scan, White List Customization, Virus Definition Auto Update
Time Backup
Maximum Task Number : 1, Multiple File Versions Retained, Instant File Restoration
Cloud Station
Maximum Concurrent File Transfers: 128, Retain Historical and Deleted File Versions
DLNA/UPnP Media Server
PS3®/Xbox 360® Support
Download Station
Supported Download Protocols: BT/HTTP/FTP/NZB/eMule
Maximum Concurrent Download Tasks : 20
Other Packages
Photo Station, Audio Station, iTunes® Server, 3rd-party packages
General
Networking Protocols
CIFS, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN)
File System
EXT4, EXT3 (External Disk Only), FAT (External Disk Only), NTFS (External Disk Only)
Storage Management
Max File System Size: 16TB, Max Internal Volume #: 128, Max iSCSI Target #: 10, Max iSCSI LUN#: 10,
Supported RAID Type : Synology Hybrid RAID, Basic, JBOD, RAID 0, RAID 1, RAID 5, RAID 5+Spare, RAID 6,
RAID 10
File Sharing Capability
Max User Account: 1024, Max Group: 256, Max Shared Folder: 256,
Max Concurrent CIFS/AFP/FTP Connections : 128
Privilege
Windows Access Control List (ACL)
Directory Service
Windows ADS Domain Integration, LDAP Integration
Security
FTP over SSL/TLS, IP Auto-Block, Firewall, Encrypted Network Backup over Rsync, HTTPS Connection
Utilities
Synology Web Assistant, Synology Assistant, Synology Data Replicator
Supported Clients
Windows XP onward, Mac OS X 10.5 onward, Ubuntu 9.04 onward
Support Browsers
Chrome, Internet Explorer®: 8, 9, Firefox®, Safari® (Mac): 5
Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Environment and Packaging
Environment
RoHS Compliant
Package Content
DS413j Main Unit, Installation Disc, Welcome Note, Assembling Kit, AC Power Cord, AC Power Adapter, RJ-45
LAN Cable X1
Optional Accessories
Remote, Camera License Pack
Warranty
2 years
*Model specifications are subject to change without notice. Please refer to www.synology.com for the latest information.
1.Fully loaded with Seagate® ST31000520AS hard drive(s) in operation; Two G.R.A.S. Type 40AE microphones, each set up at 1 meter away from the DiskStation front and rear;
Background noise: 17.1 dB(A); Temperature: 24.2˚C; Humidity: 63%; More details about dB(A) value, check http://www.memtechacoustical.com/facts.asp
2.Measured with 4 Western Digital® 3TB WD30EZRS hard drives. The figures could vary on different environments.
SYNOLOGY INC.
Synology is dedicated to taking full advantage of the latest technologies to bring businesses and home users reliable and affordable ways to centralize data storage, simplify data
backup, share and sync files across different platforms, and access data on-the-go. Synology aims to deliver products with forward-thinking features and the best in class customer
services.
Copyright © 2012, Synology Inc. All rights reserved. Synology, the Synology logo are trademarks or registered trademarks of Synology Inc. Other product and company names
mentioned herein may be trademarks of their respective companies. Synology may make changes to specification and product descriptions at anytime, without notice. Printed in
Taiwan.
DS413j-2012-ENU-REV006
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd.,
Taipei, Taiwan
Tel: +886 2 2552 1814
Fax: +886 2 2552 1824
UK
Synology UK Ltd.
Etheridge Avenue, Brinklow,
Milton Keynes, MK10 0BP, UK
Tel: +44 1908 587422
Germany
Synology GmbH
Königsallee 92a
40212 Düsseldorf, Germany
Tel: +49 (0)211 5403 9658
North & South America
Synology America Corp.
13343 NE Bel-Red Road,
Bellevue, WA 98005, USA
Tel: +1 425 818 1587



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com