Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AANE-WH-0149-R Datasheet(PDF) 1 Page - Abracon Corporation

Part # AANE-WH-0149-R
Description  Wi-Fi 6/6E/7 External Whip Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AANE-WH-0149-R Datasheet(HTML) 1 Page - Abracon Corporation

  AANE-WH-0149-R Datasheet HTML 1Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 2Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 3Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 4Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 5Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 6Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 7Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 8Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-09-24
For terms and conditions of sales, please visit:
www.abracon.com
Wi-Fi 6/6E/7 External Whip Antenna
AANE-WH-0149
Ø 8.3 x 50 mm
RoHS/RoHS II Compliant
MSL Level = N/A
Request Samples
Check Inventory
Product Image
• High Efficiency Up to 62%
• High Peak Gain 2.2dBi ~ 3.2dBi
• SMA Connector Design for Straight Positioning
• Weatherproof and IP65 Rated Optional
• RP-SMA Plug or SMA Plug Connector
• Wi-Fi/WLAN Coverage
o Wi-Fi 7 (802.11be)
o Wi-Fi 6/6E (802.11ax)
o Wi-Fi 4/5 (802.11b/g/n/ac)
• Bluetooth® / ZigBee® / Thread/ Matter
• Router and Networking
• Smart Irrigation and Pool Control
Applications
Features


Similar Part No. - AANE-WH-0149-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AANE-WH-0145 ABRACON-AANE-WH-0145 Datasheet
846Kb / 16P
915/2400 MHz Weather-Proof Whip Antenna
08-21-24
AANE-WH-0145-1 ABRACON-AANE-WH-0145-1 Datasheet
846Kb / 16P
915/2400 MHz Weather-Proof Whip Antenna
08-21-24
AANE-WH-0145-2 ABRACON-AANE-WH-0145-2 Datasheet
846Kb / 16P
915/2400 MHz Weather-Proof Whip Antenna
08-21-24
AANE-WH-0148 ABRACON-AANE-WH-0148 Datasheet
695Kb / 12P
Wi-Fi 6/6E/7 External Waterproof Whip Antenna
08-29-24
AANE-WH-0148-R ABRACON-AANE-WH-0148-R Datasheet
695Kb / 12P
Wi-Fi 6/6E/7 External Waterproof Whip Antenna
08-29-24
More results

Similar Description - AANE-WH-0149-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2108792-1 TEC-2108792-1 Datasheet
689Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108857-1 TEC-2108857-1 Datasheet
596Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108891-1 TEC-2108891-1 Datasheet
755Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118907-1 TEC-2118907-1 Datasheet
718Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118908-1 TEC-2118908-1 Datasheet
612Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
2118909-1 TEC-2118909-1 Datasheet
688Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2344655-1 TEC-2344655-1 Datasheet
553Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
2344657-1 TEC-2344657-1 Datasheet
572Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
A1000146 AVX-A1000146 Datasheet
2Mb / 16P
Automotive Wi-Fi 6 & Wi-Fi 6E or CBRS/n78 Stamped Metal Antenna
8/22/2022 Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com