Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AANE-WH-0149-R Datasheet(PDF) 10 Page - Abracon Corporation

Part # AANE-WH-0149-R
Description  Wi-Fi 6/6E/7 External Whip Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AANE-WH-0149-R Datasheet(HTML) 10 Page - Abracon Corporation

Back Button AANE-WH-0149-R Datasheet HTML 4Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 5Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 6Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 7Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 8Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 9Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 10Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 11Page - Abracon Corporation AANE-WH-0149-R Datasheet HTML 12Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-09-24
For terms and conditions of sales, please visit:
www.abracon.com
Wi-Fi 6/6E/7 External Whip Antenna
AANE-WH-0149
Ø 8.3 x 50 mm
RoHS/RoHS II Compliant
MSL Level = N/A
Request Samples
Check Inventory
5550MHz
XY plane
XZ plane
YZ plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com