Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B02 Datasheet(PDF) 1 Page - Analog Devices

Part # 3B02
Description  3B Series 8 Channel Backplane
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B02 Datasheet(HTML) 1 Page - Analog Devices

  3B02 Datasheet HTML 1Page - Analog Devices 3B02 Datasheet HTML 2Page - Analog Devices 3B02 Datasheet HTML 3Page - Analog Devices 3B02 Datasheet HTML 4Page - Analog Devices 3B02 Datasheet HTML 5Page - Analog Devices 3B02 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3B Series 8 Channel Backplane
3B02
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Mix and Match 3B Series I/O Module Capability
Factory Mutual (FM) Approved
CE Certified
+1500 V peak Channel/Channel and Input/Output Isolation
-25oC to +85oC Temperature Range
LEDs indicate when power is applied
Replaceable AC Line Fuse in Protective Housing
Versatile Mounting Options
APPLICATIONS
Industrial Signal Conditioning
Industrial Signal Isolation
Industrial Signal Filtering
PRODUCT OVERVIEW
To address diverse applications, the 3B Subsystem Series
includes a family of backplanes which provide a complete signal
conditioning solution. The 3B02 is designed for 8 channels to
offer users the flexibility to match the size of a system to specific
applications. All backplanes are provided with #6-32 x 1-inch
screws and standoffs for mounting. Several mounting options
are available, including rack, surface and NEMA enclosure.
All 3B Series modules feature a universal pin out and can be
easily tailored to fit the user’s application. Each backplane can
accommodate any 3B Series module in a “Mix and Match”
arrangement.
Modules are “Hot Swappable”; power does not have to be
removed when inserting or removing any module on the
backplane.
All backplanes provide a four screw terminal for each individual
channel’s input field connections. These connections satisfy all
transducer inputs and provide transducer excitation when
necessary.
FUNCTIONAL BLOCK DIAGRAM
Figure 1 3B02 Functional Block Diagram
A cold junction temperature sensor is also supplied on each
channel to accommodate thermocouple input modules.
Each channel has two screw terminals for the output
connections for the 4-20 mA output signals. Two 26-pin system
connectors provide high level voltage I/O for all channels.
Figure 1 illustrates the 3B Series backplane functional block
diagram. In addition, complete specifications are shown in the
table below.


Similar Part No. - 3B02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B02 AD-3B02_15 Datasheet
155Kb / 6P
3B Series 8 Channel Backplane
REV. 0
More results

Similar Description - 3B02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B01 AD-3B01 Datasheet
382Kb / 6P
3B Series 16 Channel Backplane
REV. 0
3B03 AD-3B03 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
3B01 AD-3B01_15 Datasheet
383Kb / 6P
3B Series 16 Channel Backplane
REV. 0
3B02 AD-3B02_15 Datasheet
155Kb / 6P
3B Series 8 Channel Backplane
REV. 0
3B03 AD-3B03_15 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
REV. 0
5B01 AD-5B01_15 Datasheet
156Kb / 7P
5B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02_15 Datasheet
188Kb / 7P
5B Series 16 Channel Backplane
REV. 0
5B08 AD-5B08_15 Datasheet
250Kb / 8P
5B Series 8 Channel Backplane
REV. 0
5B08-MUX AD-5B08-MUX_15 Datasheet
250Kb / 8P
5B Series 8 Channel Backplane
REV. 0
logo
PHOENIX CONTACT
3213976 PHOENIX-3213976 Datasheet
55Kb / 3P
End cover - D-PTI/3B
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com