Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFJ104501CST Datasheet(PDF) 2 Page - Littelfuse

Part # LFJ104501CST
Description  LFJ1000 SERIES SOLAR FUSE BLOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFJ104501CST Datasheet(HTML) 2 Page - Littelfuse

  LFJ104501CST Datasheet HTML 1Page - Littelfuse LFJ104501CST Datasheet HTML 2Page - Littelfuse LFJ104501CST Datasheet HTML 3Page - Littelfuse LFJ104501CST Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Littelfuse.com
© 2023 Littelfuse, Inc.
Rev: 110723
2 of 4
POWR-GARD® Blocks and Holders Datasheet
LFJ1000 SERIES SOLAR FUSE BLOCK
84.4
(3.32)
76.2
(3.00)
57.2
(2.25)
19.1
(0.75)
108.0
(4.25)
146.1
(5.75)
254.0
(10.0)
15.9
(0.63)
[
]
ø8.6 THRU
⊔ø19.1 11.2
ø0.34 THRU
⊔ø0.75 0.44
Dimensions mm (inches)
Clip-to-Box 1000 V 200 A
Clip-to-Box
1000 V 400 A
Clip-to-Box 1000 V 450 A
15.88
(0.63)
110.58
(4.35)
101.60
(4.00)
76.20
(3.00)
25.40
(1.00)
123.83
(4.88)
174.63
(6.88)
298.45
(11.75)
[
]
ø7.1 THRU
⊔ø14.2 x 11.2
ø0.28 THRU
⊔ø0.56 x 0.44
72.4
(2.85)
69.9
(2.75)
50.8
(2.00)
19.1
(0.75)
77.9
(3.07)
155.7
(6.13)
15.9
(0.63)
[
]
ø8.64 THRU
⊔ø19.1 10.2
ø0.34 THRU
⊔ø0.75 0.40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com