Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFJ104501CST Datasheet(PDF) 3 Page - Littelfuse

Part # LFJ104501CST
Description  LFJ1000 SERIES SOLAR FUSE BLOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFJ104501CST Datasheet(HTML) 3 Page - Littelfuse

  LFJ104501CST Datasheet HTML 1Page - Littelfuse LFJ104501CST Datasheet HTML 2Page - Littelfuse LFJ104501CST Datasheet HTML 3Page - Littelfuse LFJ104501CST Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Littelfuse.com
© 2023 Littelfuse, Inc.
Rev: 110723
3 of 4
POWR-GARD® Blocks and Holders Datasheet
LFJ1000 SERIES SOLAR FUSE BLOCK
Dimensions mm (inches)
Stud-to-Stud 1000 V 450 A
Stud-to-Stud 1000 V 400 A
Stud-to-Stud 1000 V 200 A
20.88
(.822)
105.41
(4.150)
87.33
(3.438)
87.33
(3.438)
111.13
(4.375)
195.53
(7.698)
79.76
(3.140)
34.14
(1.344)
74.93
(2.950)
50.00
(1.969)
231.70
(9.122)
22.10
(.870)
∅ 8.64 THRU
⊔∅19.05 10.16
∅ 0.34 THRU
⊔∅0.75 0.40
[
]
7/16-14 UNC-2A
1/4-20 UNC-2A
16.13
(.635)
40.79
(1.606)
135.80
(5.347) 108.41
(4.268)
152.40
(6.000)
1/2-13 UNC-2A
254.91
(10.036)
99.61
(3.922)
309.70
(12.193)
30.17
(1.188)
51.11
(2.012)
101.160
(4.000)
81.28
(3.200)
16.13
(.635)
8.61
(.339)
29.49
(1.161)
8.61
(.339)
33.02
(1.300)
∅ 8.64 THRU
⊔∅19.05 10.16
∅ 0.34 THRU
⊔∅0.75 0.40
[
]
33.02
(1.30)
29.49
(1.161)
TYP
120.17
(4.731)
133.35
(5.250)
230.94
(9.092)
90.08
(3.547)
278.43
(10.962)
76.20
(3.000)
96.42
(3.796)
8.61
(.339)
8.61
(.339)
∅ 8.64 THRU
⊔∅19.05 10.16
∅ 0.34 THRU
⊔∅0.75 0.40
[
]
7/16-14 UNC-2A
3/8-16 UNC-2A
28.57
(1.125)
46.36
(1.825)
74.93
(2.950)
16.13
(.635)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com