Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADG902EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-ADG902EBZ
Description  0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1 GHz SPST Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG902EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-ADG902EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADG901/ADG902
Rev. D | Page 3 of 13
SPECIFICATIONS
VDD = 1.65 V to 2.75 V, GND = 0 V, input power = 0 dBm, all specifications TMIN to TMAX, unless otherwise specified.1
Table 1.
B Version
Parameter
Symbol
Test Conditions/Comments
Min
Typ2
Max
Unit
AC ELECTRICAL CHARACTERISTICS
Operating Frequency3
DC
2.5
GHz
−3 dB Frequency
4.5
GHz
Input Power
0 V dc bias
7
dBm
0.5 V dc bias
16
dBm
Insertion Loss
S21, S12
DC to 100 MHz; VDD = 2.5 V ± 10%
0.4
0.7
dB
500 MHz; VDD = 2.5 V ± 10%
0.5
0.8
dB
1000 MHz; VDD = 2.5 V ± 10%
0.8
1.25
dB
Isolation—RF1 to RF2
S21, S12
100 MHz
60
61
dB
CP Package
500 MHz
43
45
dB
1000 MHz
34
40
dB
Isolation—RF1 to RF2
S21, S12
100 MHz
51
60
dB
RM Package
500 MHz
37.5
47
dB
1000 MHz
31
37
dB
Return Loss (On Channel)
S11, S22
DC to 100 MHz
20
28
dB
500 MHz
23
29
dB
1000 MHz
25
28
dB
Return Loss (Off Channel)
S11, S22
DC to 100 MHz
18
23
dB
500 MHz
17
21
dB
1000 MHz
15
19
dB
On Switching Time
tON
50% CTRL to 90% RF
3.6
6
ns
Off Switching Time
tOFF
50% CTRL to 10% RF
5.8
9.5
ns
Rise Time
tRISE
10% to 90% RF
3.1
5.5
ns
Fall Time
tFALL
90% to 10% RF
6.0
8.5
ns
1 dB Compression
P1dB
1000 MHz
17
dBm
Third-Order Intermodulation Intercept
IP3
900 MHz/901 MHz, 4 dBm
28.5
36
dBm
Video Feedthrough4
2.5
mV p-p
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VDD = 2.25 V to 2.75 V
1.7
V
VINH
VDD = 1.65 V to 1.95 V
0.65 VDD
V
Input Low Voltage
VINL
VDD = 2.25 V to 2.75 V
0.7
V
VINL
VDD = 1.65 V to 1.95 V
0.35
VDD
V
Input Leakage Current
II
0 ≤ VIN ≤ 2.75 V
±0.1
±1
µA
CAPACITANCE
RF1/RF2, RF Port On Capacitance
CRF on
f = 1 MHz
1.2
pF
CTRL Input Capacitance
CCTRL
f = 1 MHz
2.1
pF
POWER REQUIREMENTS
VDD
1.65
2.75
V
Quiescent Power Supply Current
IDD
Digital inputs = 0 V or VDD
0.1
1
µA
1
Temperature range for B version: −40°C to +85°C.
2
Typical values are at VDD = 2.5 V and 25°C, unless otherwise specified.
3
Point at which insertion loss degrades by 1 dB.
4
The dc transience at the output of any port of the switch when the control voltage is switched from high to low or low to high in a 50 Ω test setup, measured with 1 ns
rise time pulses and 500 MHz bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com