Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADG902EBZ Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-ADG902EBZ
Description  0 Hz to 4.5 GHz, 40 dB Off Isolation at 1 GHz, 17 dBm P1dB at 1 GHz SPST Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG902EBZ Datasheet(HTML) 2 Page - Analog Devices

  EVAL-ADG902EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG902EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ADG901/ADG902
Data Sheet
Rev. D | Page 2 of 13
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Continous Current Per Channel ................................................ 4
Absolute Maximum Ratings............................................................ 5
ESD Caution...................................................................................5
Pin Configurations and Function Descriptions ............................6
Typical Performance Characteristics ..............................................7
Terminology .......................................................................................9
Test Circuits..................................................................................... 10
Applications Information .............................................................. 11
Absorptive vs. Reflective Switches ........................................... 11
ADG901/ADG902 Evaluation Board .......................................... 12
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
11/2017—Rev. C to Rev. D
Deleted Figure 3; Renumbered Sequentially................................. 1
Added Figure 2; Renumbered Sequentially ................................. 1
Changes to Features Section, Figure 1, General Description
Section, and Product Highlights Section ...................................... 1
Deleted Endnote 4, Table 1; Renumbered Sequentially .............. 3
Change to −3 dB Frequency Parameter, Table 1........................... 3
Added Table 2; Renumbered Sequentially .................................... 4
Changes to Table 3............................................................................ 5
Change to Figure 4 ........................................................................... 6
Changes to Ordering Guide .......................................................... 12
5/2016—Rev. B to Rev. C
Changes to Figure 4 and Table 3..................................................... 5
Added Figure 5; Renumbered Sequentially .................................. 5
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 13
10/2005—Rev. A to Rev. B
Changes to Figure 1...........................................................................1
Changes to Table 1.............................................................................3
Changes to Ordering Guide .......................................................... 12
10/2004—Rev. 0 to Rev. A
Changes to Features .........................................................................1
Changes to Product Highlights ......................................................1
Changes to Specifications.................................................................2
Changes to Ordering Guide .............................................................3
Change to ADG9xx Evaluation Board Section .............................9
Changes to Ordering Guide .......................................................... 10
8/2003—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com