Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW140255 Datasheet(PDF) 2 Page - Chemtronics. All rights reserved

Part # SW140255
Description  Soder-Wick Lead-Free Desoldering Braid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMTRONICS [Chemtronics. All rights reserved]
Direct Link  https://www.chemtronics.com/
Logo CHEMTRONICS - Chemtronics. All rights reserved

SW140255 Datasheet(HTML) 2 Page - Chemtronics. All rights reserved

  SW140255 Datasheet HTML 1Page - Chemtronics. All rights reserved SW140255 Datasheet HTML 2Page - Chemtronics. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-770-424-4888 Ÿ www.chemtronics.com
Rev. B (8/18) Page 2 of 2
Part #
Size
Length
Part#
Size
Length
40-1-5
1
5
40-2-5
2
5
40-2-10
2
10
40-3-5
3
5
40-3-10
3
10
40-4-5
4
5
40-4-10
4
10
VacuPakÔPackaging
The VacuPakÔ Can contains
ten five-foot bobbins in a
vacuum sealed can. This
package provides the highest
level of cleanliness and
freshness. Great for tool kit
storage.
Part #
Size
SW140255
2
SW14035
3
SW14045
4
8125 Cobb Center Drive, Kennesaw, GA 30152 Ÿ 1-770-424-4888 Ÿ www.chemtronics.com
Soder-WickÒ Lead-Free
Desoldering Braid
Usage Instructions
For industrial use only. Read SDS carefully prior to use.
1) Choose a Soder-WickÒ Lead-Free braid width equal to
or slightly larger than the pad or connection.
2) Choose a solder iron tip equal to or slightly larger than
the pad or connection.
3) Set temperature of iron between 600-750
°F.
4) Place wick on solder joint and place tip of hot iron on
top of wick.
5) As solder becomes molten, the color of the wick will
change from copper to silver.
6) Remove wick and iron from joint simultaneously once
color change has stopped.
7) The component lead / pad is now clean and free from
solder.
8) Clip and discard used portion of the wick
9) If needed, clean PCB with CircuitWorks Lead-Free Flux
Remover Pen CW9400 and remove soils with a
ControlWipes absorbent wipe.
Soder-Wick Is Designed To Meet or Exceed the
Following:
§
MIL-F-14256F, Type R
§
NASA-STD-8739.3
§
DOD-STD-883E, Method 2022
§
ANSI/IPC J STD-004, Type ROL0
§
BELLCORE TR-NWT-000078
§
ANSI/IPC J SF-818
Soder-Wick Bobbins Are Designed To Meet or
Exceed:
§
MIL-STD-2000A
§
MIL-B-81705C
§
MIL-STD-1686C
§
MIL-HDBK-263B
§
ANSI/IPC J SF-818
Availability
40 Series
Lead-Free No Clean Flux
25 bobbins / bag
Technical and Application Assistance
Chemtronics provides a technical hotline to answer your
technical and application related questions.
The toll free number is: 1-800-TECH-401.
Note:
This information is believed to be accurate. It is intended for
professional end users having the skills to evaluate and use
the data properly. CHEMTRONICS does not guarantee the
accuracy of the data and assumes no liability in connection
with damages incurred while using it.
Chemtronics
â, Soder-Wickâ and CircuitWorksâ are registered trademarks of
Chemtronics. All rights reserved. Vacu-Pak
ä and ControlWipesä are trademarks
of Chemtronics. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com