Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW140255 Datasheet(PDF) 1 Page - Chemtronics. All rights reserved

Part # SW140255
Description  Soder-Wick Lead-Free Desoldering Braid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMTRONICS [Chemtronics. All rights reserved]
Direct Link  https://www.chemtronics.com/
Logo CHEMTRONICS - Chemtronics. All rights reserved

SW140255 Datasheet(HTML) 1 Page - Chemtronics. All rights reserved

  SW140255 Datasheet HTML 1Page - Chemtronics. All rights reserved SW140255 Datasheet HTML 2Page - Chemtronics. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. B (8/18) Page 1 of 2
1-770-424-4888 Ÿ www.chemtronics.com
Part #
Size Inches
Color
Size Metric
1
.030”
White/Gray
0.8mm
2
.060”
Yellow
1.5mm
3
.080”
Green
2.0mm
4
.110”
Blue
2.8mm
Typical Product Data and Physical Properties
Flux Type:
High-Temperature No Clean
Type ROL0
Specifications:
ANSI/IPC J STD-004
MIL-F-14256 F
No Clean Flux Spec:
MIL-STD-883B
Bellcore TR-NWT-000078
ANSI/IPC J SF818
Shelf Life:
2 years
RoHS Compliant
Yes
Soder-WickÒ Lead-Free
Desoldering Braid
Product Description
Soder-Wick Lead-Free is the state of the art in desoldering
technology. It is specially designed for removal of today’s high
temperature lead-free solders. The single layer weave used for
Soder-Wick Lead-Free braid is lighter in mass than any other
desoldering braid available and allows for lead-free solder
removal at lower temperatures. Soder-Wick Lead-Free
responds faster than any other conventional desoldering braid.
This unique design minimizes overheating and requires less
“contact” time thus preventing heat damage to the PCB and
sensitive components. For Lead-Free rework, Soder-Wick has
the answer.
§
Fastest wicking and heat transfer
§
High capacity for solder uptake
§
Halide free, no corrosive residues
§
Minimizes risk of heat damage to pads, components and
PBCs
§
Can be used with Tin/Lead solders
§
RoHS compliant
Typical Applications
Soder-Wick Lead-Free desoldering braid safely removes solder
from:
§
Thru-hole Components
§
SMT Pads and BGA Pads
§
Micro Circuits
§
Terminals, Lugs and Posts
§
Identification Script
Static Dissipative Packaging
Soder-Wick Lead-Free is packaged on Static Dissipative
bobbins to minimize the risk of damage associated with static
electricity. The static dissipative bobbins qualify as
electrostatic discharge protective per MIL-STD-1686C and
MIL-HDBK-263B and meet the static delay rate provision of
MIL-B-81705C


Similar Part No. - SW140255

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
SW1 4DSYSTEMS-SW1 Datasheet
3Mb / 20P
microOLED Display Modules
REVISION: 1.5
logo
Alpha Wire
SW1 ALPHAWIRE-SW1 Datasheet
392Kb / 4P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Molex Electronics Ltd.
SW1 MOLEX-SW1 Datasheet
1Mb / 3P
SW1 High-Current Wire-to-Board and Busbar Interconnects
2023.03 Rev. 1
logo
Renesas Technology Corp
SW1-SW16 RENESAS-SW1-SW16 Datasheet
638Kb / 18P
Sample Program (Electronic Desktop Calculator)
logo
Alpha Wire
SW10 ALPHAWIRE-SW10 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 12/1/2005 Production
More results

Similar Description - SW140255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1042 ETC1-A1042 Datasheet
1Mb / 24P
Desoldering Tool
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
MFR-1300 Desoldering System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
Desoldering & Rework Stations
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
DESOLDERING BRAID
logo
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
Lead-Free
logo
Anaren Microwave
X3DC18P1S ANAREN-X3DC18P1S Datasheet
460Kb / 6P
Lead Free
logo
Amphenol Corporation
G09-113130XLF AMPHENOL-G09-113130XLF Datasheet
581Kb / 1P
lead free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com