Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7793EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7793EBZ
Description  Evaluation Board for the AD7793 24-Bit, Low Power Sigma-Delta ADC (3 Channels)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7793EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7793EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EVAL-AD7793
Rev. 0 | Page 3 of 16
EVALUATION BOARD HARDWARE
POWER SUPPLIES
The AD7793 evaluation board is powered via the 5 V supply
from the USB connector, J1. This 5 V supply can be used to
power the AD7793 directly. A 3.3 V regulated voltage from the
on-board ADP3303 (a high precision, low power, 3.3 V output
voltage regulator) can also be used. Alternatively, the AD7793 can
be powered using an external 3 V or 5 V power supply via J3.
LINKS
Seven link options must be set for the required operating setup
before using the evaluation board. The functions of these link
options are outlined in Table 1.
SETUP CONDITIONS
Care should be taken before applying power and signals to the
evaluation board to ensure that all link positions are set per the
required operating mode. Table 2 shows the position in which
all the links are initially set.
SOCKETS
There are five sockets relevant to the operation of the AD7793
on this evaluation board. The functions of these sockets are
outlined in Table 3.
Table 1. Evaluation Board Link Settings
Table 2. Initial Link and Switch Positions
Link No.
Position
Function
LK1
In
AIN1(+) and AIN1(−) are shorted.
LK2 to LK3
Out
Internal reference is used.
LK4 to LK5
Out
AIN2(+) and AIN2(−) are not connected to the temperature demonstration circuit.
LK6
Out
IOUT2 is not connected to the temperature demonstration circuit.
LK7
B
The 3.3 V supply is used as AVDD for the AD7793.
Table 3. Socket Functions
Link
Default
Description
LK1
In
This link is used to externally short AIN1(+) to AIN1(−). If VBIAS is enabled and directed to AIN1(−), a noise analysis
can be performed in this configuration. With this link out, an external voltage can be applied to AIN1(+)/AIN(−)
using the SMB connectors.
LK2 to LK6
Out
These links are used to connect the on-board temperature demonstration circuit to the ADC and must all be in
place when attempting to measure the ambient temperature.
When the on-board temperature demonstration circuit is selected in software, LK6 allows current from the
on-chip current source of the AD7793 to flow through the temperature demonstration circuit. When LK4 and
LK5 are in place, the 1 kΩ thermistor is connected to AIN2(+)/AIN2(−). When LK2 and LK3 are in place, the
5 kΩ precision resistor is used to generate the reference for the AD7793 so that a ratiometric configuration of
the temperature demonstration circuit is achieved.
LK7
B
LK7 is used to select the power source for AVDD on the AD7793. LK7 in Position A selects an external power
supply, supplied via J3. LK7 in Position B selects the 3.3 V regulated output from the on-board ADP3303 voltage
regulator. LK7 in Position C selects the 5 V supply from the USB connector, J1.
Socket
Description
AIN1+
Subminiature BNC (SMB) Connector. The analog input signal for the AIN1(+) input of the AD7793 is applied to this socket.
AIN1−
Subminiature BNC (SMB) Connector. The analog input signal for the AIN1(−) input of the AD7793 is applied to this socket.
REFIN1+
Subminiature BNC (SMB) Connector. This socket is used in conjunction with REFIN1− to apply an external reference to the
AD7793. The voltage for the REFIN(+) input of the AD7793 is applied to this socket.
REFIN1−
Subminiature BNC (SMB) Connector. This socket is used in conjunction with REFIN1+ to apply an external reference to the
AD7793. The voltage for the REFIN(−) input of the AD7793 is applied to this socket.
J2
16-Pin (2 × 8) Straight Header. This socket is used in conjunction with the prototype area to interface any signal to the AD7793.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com