Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7793EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD7793EBZ
Description  Evaluation Board for the AD7793 24-Bit, Low Power Sigma-Delta ADC (3 Channels)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7793EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-AD7793EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7793EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EVAL-AD7793
Rev. 0 | Page 6 of 16
MAIN WINDOW
Menu Bar
File
This allows the user to read previously stored data for display or
analysis, write the current set of data to a file for later use, and
exit the program.
About
This provides information on the revision of software used.
Buttons
Reset
This allows the user to reset the AD7793 and set the registers to
the power-up conditions as specified by the software (channel =
AIN1(−)/AIN1(−), bias voltage generator enabled on AIN1(−),
gain = 64, update rate = 16.7 Hz, internal reference).
Exit
This allows the user to exit the software. It serves the same
purpose as Quit in the File pull-down menu.
Sample
This allows the user to read a number of samples from the
AD7793. Noise analysis is then performed on the samples.
These samples can be stored for further analysis. The sample
size is entered in the Num Samples text box.
Continuous
This allows the user to read a number of samples continuously.
The software gathers a number of samples as specified by the
Num Samples
text box, performs noise analysis on the samples,
and gathers the next group of samples.
Registers
This allows the user to access the configuration register, mode
register, and IO register.
Other Registers
This allows the user to access the ID register, status register,
offset register, and full-scale register.
Quick Analysis
This selects the Quick Analysis window. The Quick Analysis
window gives the user access to the following subset of control
bits: Channel, Update Rate, Gain, and Reference. For access to
all control bits, click Registers or Other Registers.
Temp Demo
This allows the user to access the temperature demonstration
software.
Samples/Analysis
This serves the same purpose as the Sample button.
Waveform
The gathered conversions are displayed in graph form.
Histogram
The gathered samples are used to generate a histogram
Codes
The gathered samples can be displayed in codes or in voltage
format. When the Codes option is selected, the values are
displayed as code. The Codes button changes to Volts. To
display the information in volts, click Volts.
External Reference
By default, the internal reference is used. To use an external
reference, set Reference in the Registers window to External.
The value of the external reference should be entered in the
External Reference
text box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com