Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RADAR-MMIC2 Datasheet(PDF) 5 Page - Analog Devices

Part # EV-RADAR-MMIC2
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC2 Datasheet(HTML) 5 Page - Analog Devices

  EV-RADAR-MMIC2 Datasheet HTML 1Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 2Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 3Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 4Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 5Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 6Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 7Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 8Page - Analog Devices EV-RADAR-MMIC2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 5 of 28
EVALUATION BOARD HARDWARE
The EV-RADAR-MMIC2 evaluation board requires an SDP-S or
SDP-B motherboard to program the device. These SDP boards are
not included with the evaluation board and must be purchased
separately.
POWER SUPPLIES
The EV-RADAR-MMIC2 evaluation board is powered via one
external supply of 5 V connected to VSUPPLY as described in the
Quick Start Guide section.
The EV-ADAR-D2S board is powered via two external supplies:
+9 V connected to VPOS and −9 V connected to VNEG, as
described in the Quick Start Guide section.
INPUT SIGNALS
The on-board, 100 MHz temperature compensated crystal
oscillator (TCXO) provides the necessary reference signal. Use
an external REFIN signal, if desired.
RADIO FREQUENCY (RF) INPUT SIGNALS
The RF input pins on the ADF5904 contain a dc bias voltage
and must be ac-coupled to the EV-RADAR-MMIC2 evaluation
board. The RF inputs are on the J2 (RX1_RFIN), J3 (RX2_RFIN),
J4 (RX3_RFIN), and J6 (RX4_RFIN) SMA connectors.
RF OUTPUT SIGNALS
The Tx outputs from the ADF5901 contain a dc bias voltage
and must be ac-coupled. The Tx outputs are available on the
J8 (TX_OUT1) and J9 (TX_OUT2) output SMA connectors.
CHANNEL MAPPING
Table 1 shows the pin mapping from the ADF5904 RXx_xx to
baseband outputs on the EV-ADAR-D2S evaluation board.
Table 1. Pin Mapping
EV-RADAR-MMIC2
Connector
ADF5904
Input
EV-ADAR-D2S
Connector
J2
RX1_RFIN
O7
J3
RX2_RFIN
O8
J4
RX3_RFIN
O6
J6
RX4_RFIN
O5
DEFAULT OPERATION
All components necessary for operation are inserted on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com